Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY74FCT191CTSOC Datasheet(PDF) 1 Page - Texas Instruments

Part # CY74FCT191CTSOC
Description  4-BIT UP/DOWN BINARY COUNTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CY74FCT191CTSOC Datasheet(HTML) 1 Page - Texas Instruments

  CY74FCT191CTSOC Datasheet HTML 1Page - Texas Instruments CY74FCT191CTSOC Datasheet HTML 2Page - Texas Instruments CY74FCT191CTSOC Datasheet HTML 3Page - Texas Instruments CY74FCT191CTSOC Datasheet HTML 4Page - Texas Instruments CY74FCT191CTSOC Datasheet HTML 5Page - Texas Instruments CY74FCT191CTSOC Datasheet HTML 6Page - Texas Instruments CY74FCT191CTSOC Datasheet HTML 7Page - Texas Instruments CY74FCT191CTSOC Datasheet HTML 8Page - Texas Instruments CY74FCT191CTSOC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
CY74FCT191T
4-BIT UP/DOWN BINARY COUNTER
SCCS016A – MAY 1994 – REVISED SEPTEMBER 2001
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Function, Pinout, and Drive Compatible
With FCT and F Logic
D Reduced VOH (Typically = 3.3 V) Versions
of Equivalent FCT Functions
D Edge-Rate Control Circuitry for
Significantly Improved Noise
Characteristics
D Ioff Supports Partial-Power-Down Mode
Operation
D ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)
D Matched Rise and Fall Times
D 64-mA Output Sink Current
32-mA Output Source Current
description
The CY74FCT191T is a reversible modulo-16 binary counter, featuring synchronous counting and
asynchronous presetting. The preset allows the CY74FCT191T to be used in programmable dividers. The count
enable input, terminal count output, and ripple-clock output make possible a variety of methods of implementing
multiusage counters. In the counting modes, state changes are initiated by the rising edge of the clock.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
PIN DESCRIPTION
NAME
DESCRIPTION
CE
Count enable input (active low)
CP
Clock pulse input (active rising edge)
P
Parallel data inputs
PL
Asynchronous parallel load input (active low)
U/D
Up/down count control input
Q
Flip-flop outputs
RC
Ripple clock output (active low)
TC
Terminal count output
Copyright
 2001, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
P1
Q1
Q0
CE
U/D
Q2
Q3
GND
VCC
P0
CP
RC
TC
PL
P2
P3
Q OR SO PACKAGE
(TOP VIEW)


Similar Part No. - CY74FCT191CTSOC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT191CTSOC TI-CY74FCT191CTSOC Datasheet
61Kb / 6P
4-Bit Up/Down Binary Counter
CY74FCT191CTSOC TI1-CY74FCT191CTSOC Datasheet
326Kb / 14P
4-BIT UP/DOWN BINARY COUNTER
CY74FCT191CTSOC TI2-CY74FCT191CTSOC Datasheet
1Mb / 20P
4-BIT UP/DOWN BINARY COUNTER
REVISED SEPTEMBER 2001
CY74FCT191CTSOC.B TI2-CY74FCT191CTSOC.B Datasheet
1Mb / 20P
4-BIT UP/DOWN BINARY COUNTER
REVISED SEPTEMBER 2001
CY74FCT191CTSOCE4 TI1-CY74FCT191CTSOCE4 Datasheet
326Kb / 14P
4-BIT UP/DOWN BINARY COUNTER
More results

Similar Description - CY74FCT191CTSOC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF40193B PHILIPS-HEF40193B Datasheet
120Kb / 9P
4-bit up/down binary counter
January 1995
logo
Texas Instruments
CY74FCT191T TI-CY74FCT191T Datasheet
61Kb / 6P
4-Bit Up/Down Binary Counter
SN74F169 TI-SN74F169 Datasheet
126Kb / 9P
SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTER
logo
System Logic Semiconduc...
SL74HC193 SLS-SL74HC193 Datasheet
68Kb / 7P
Presettable 4-Bit Binary UP/DOWN Counter
logo
Fairchild Semiconductor
DM74LS169A FAIRCHILD-DM74LS169A Datasheet
72Kb / 8P
Synchronous 4-Bit Up/Down Binary Counter
MM74C192 FAIRCHILD-MM74C192 Datasheet
62Kb / 6P
Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
logo
Toshiba Semiconductor
TC74HC191AP TOSHIBA-TC74HC191AP_07 Datasheet
441Kb / 12P
4-Bit Binary Up/Down Counter
logo
Texas Instruments
74ACT11191 TI1-74ACT11191 Datasheet
135Kb / 9P
SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTER
CY74FCT191T TI1-CY74FCT191T_14 Datasheet
326Kb / 14P
4-BIT UP/DOWN BINARY COUNTER
SN54HC191-DIE TI1-SN54HC191-DIE Datasheet
132Kb / 6P
4-Bit Synchronous Up/Down Binary Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com