Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLP2000 Datasheet(PDF) 19 Page - Texas Instruments

Part # DLP2000
Description  DLP2000 (.2 nHD) DMD
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLP2000 Datasheet(HTML) 19 Page - Texas Instruments

Back Button DLP2000 Datasheet HTML 15Page - Texas Instruments DLP2000 Datasheet HTML 16Page - Texas Instruments DLP2000 Datasheet HTML 17Page - Texas Instruments DLP2000 Datasheet HTML 18Page - Texas Instruments DLP2000 Datasheet HTML 19Page - Texas Instruments DLP2000 Datasheet HTML 20Page - Texas Instruments DLP2000 Datasheet HTML 21Page - Texas Instruments DLP2000 Datasheet HTML 22Page - Texas Instruments DLP2000 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
7.5.1.3 Illumination Overfill
The active area of the device is surrounded by an aperture on the inside DMD window surface that masks
structures of the DMD chip assembly from normal view, and is sized to anticipate several optical operating
conditions. Overfill light illuminating the area outside the active array can create artifacts from the mechanical
features surrounding the active array and other surface anomalies that may be visible on the screen. The
illumination optical system should be designed to limit light flux incident anywhere outside more than 20 pixels
from the edge of the active array on all sides. Depending on the particular system’s optical architecture and
assembly tolerances, this amount of overfill light on the outside of the active array may still cause artifacts to still
be visible.
7.6 Micromirror Array Temperature Calculation
0.60
7.06
TP1 (ceramic)
Window Edge
(4 surfaces)
Figure 7-1. DMD Thermal Test Point
The micromirror array temperature can be computed analytically from measurement points on the outside of
the package, the package thermal resistance, the electrical power dissipation, and the illumination heat load.
The relationship between array temperature and the reference ceramic temperature is provided by the following
equations:
TARRAY = TCERAMIC + (QARRAY × RARRAY–TO–CERAMIC)
(1)
QARRAY = QELECTRICAL + QILLUMINATION
(2)
QILLUMINATION = (CL2W × SL)
(3)
• TARRAY = Computed DMD array temperature (°C)
• TCERAMIC = Measured ceramic temperature (°C), TP1 location in Figure 7-1
• RARRAY–TO–CERAMIC = DMD package thermal resistance from array to outside ceramic (°C/W), specified in
Section 6.5
• QARRAY = Total DMD power; electrical plus absorbed (calculated) (W)
• QELECTRICAL = Nominal DMD electrical power dissipation (W)
• CL2W = Conversion constant for screen lumens to absorbed optical power on the DMD (W/lm)
• SL = Measured ANSI screen lumens (lm)
The electrical power dissipation of the DMD is variable and depends on the voltages, data rates, and operating
frequencies. A nominal electrical power dissipation to use when calculating array temperature is 0.045 watts.
The absorbed power from the illumination source is variable and depends on the operating state of the mirrors
and the intensity of the light source. The equations shown previously are valid for a 1-Chip DMD system with a
total projection efficiency from DMD to screen of 87%.
The conversion constant CL2W is based on DMD micromirror array characteristics. It assumes a spectral
efficiency of 300 lumens/watt for the projected light, and an illumination distribution of 83.7% on the DMD active
www.ti.com
DLP2000
DLPS140B – MARCH 2019 – REVISED MAY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: DLP2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com