Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLP2000 Datasheet(PDF) 25 Page - Texas Instruments

Part # DLP2000
Description  DLP2000 (.2 nHD) DMD
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLP2000 Datasheet(HTML) 25 Page - Texas Instruments

Back Button DLP2000 Datasheet HTML 21Page - Texas Instruments DLP2000 Datasheet HTML 22Page - Texas Instruments DLP2000 Datasheet HTML 23Page - Texas Instruments DLP2000 Datasheet HTML 24Page - Texas Instruments DLP2000 Datasheet HTML 25Page - Texas Instruments DLP2000 Datasheet HTML 26Page - Texas Instruments DLP2000 Datasheet HTML 27Page - Texas Instruments DLP2000 Datasheet HTML 28Page - Texas Instruments DLP2000 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
9 Power Supply Recommendations
The following power supplies are all required to operate the DMD: VSS, VCC, VOFFSET, VBIAS, and VRESET. DMD
power-up and power-down sequencing is strictly controlled by the DLPA1000 device.
VCC, VOFFSET, VBIAS, and VRESET power supplies have to be coordinated during power-up and power-down
operations. Failure to meet any of the following requirements will result in a significant reduction in the DMD’s
reliability and lifetime. Refer to Figure 9-1.
CAUTION
For reliable operation of the DMD, the following power supply sequencing requirements must be
followed. Failure to adhere to the prescribed power-up and power-down procedures may affect
device reliability.
VCC, VOFFSET, VBIAS, and VRESET power supplies have to be coordinated during power-up and
power-down operations. Failure to meet any of the following requirements will result in a significant
reduction in the DMD’s reliability and lifetime.
9.1 Power Supply Power-Up Procedure
• During Power-Up, VCC must always start and settle before VOFFSET, VBIAS, and VRESET voltages are applied
to the DMD.
• During Power-Up, VBIAS does not have to start after VOFFSET. However, it is a strict requirement that the delta
between VBIAS and VOFFSET must be within ±8.75 V (Note 1).
• During Power-Up, the DMD’s LVCMOS input pins shall not be driven high until after VCC has settled at
operating voltage.
• During Power-Up, there is no requirement for the relative timing of VRESET with respect to VOFFSET and VBIAS.
• Slew Rates for Power-Up are flexible, as long as the transient voltage levels follow the requirements listed
previously.
9.2 Power Supply Power-Down Procedure
• The power-down sequence is the reverse order of the previous power-up sequence. VCC must be supplied
until after VBIAS, VRESET and VOFFSET are discharged to within 4 V of ground.
• During Power-Down, it is not mandatory to stop driving VBIAS prior to VOFFSET, but it is a strict requirement
that the delta between VBIAS and VOFFSET must be within ±8.75 V (Note 1).
• During power-down, the DMD’s LVCMOS input pins must be less than VCC + 0.3 V.
• During power-down, there is no requirement for the relative timing of VRESET with respect to VOFFSET and
VBIAS.
• Slew rates for power-down are flexible, as long as the transient voltage levels follow the requirements listed
previously.
www.ti.com
DLP2000
DLPS140B – MARCH 2019 – REVISED MAY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: DLP2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com