Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32G030C6 Datasheet(PDF) 63 Page - STMicroelectronics

Part # STM32G030C6
Description  Arm® Cortex®-M0 32-bit MCU, up to 64 KB Flash, 8 KB RAM, 2x USART, timers, ADC, comm. I/Fs, 2.0-3.6V
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G030C6 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button STM32G030C6 Datasheet HTML 59Page - STMicroelectronics STM32G030C6 Datasheet HTML 60Page - STMicroelectronics STM32G030C6 Datasheet HTML 61Page - STMicroelectronics STM32G030C6 Datasheet HTML 62Page - STMicroelectronics STM32G030C6 Datasheet HTML 63Page - STMicroelectronics STM32G030C6 Datasheet HTML 64Page - STMicroelectronics STM32G030C6 Datasheet HTML 65Page - STMicroelectronics STM32G030C6 Datasheet HTML 66Page - STMicroelectronics STM32G030C6 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 94 page
background image
DS12991 Rev 1
63/94
STM32G030x6/x8
Electrical characteristics
80
Input/output AC characteristics
The definition and values of input/output AC characteristics are given in Figure 18 and
Table 51, respectively.
Unless otherwise specified, the parameters given are derived from tests performed under
the ambient temperature and supply voltage conditions summarized in Table 21: General
operating conditions.
Table 50. Output voltage characteristics(1)
Symbol
Parameter
Conditions
Min
Max
Unit
VOL
Output low level voltage for an I/O pin
CMOS port(2)
|IIO| 6 mA
VDDIO1 ≥ 2.7 V
-0.4
V
VOH
Output high level voltage for an I/O pin
VDDIO1 - 0.4
-
VOL(3) Output low level voltage for an I/O pin
TTL port(2)
|IIO| = 6 mA
VDDIO1 ≥ 2.7 V
-0.4
VOH(3) Output high level voltage for an I/O pin
2.4
-
VOL(3) Output low level voltage for an I/O pin
All I/Os
|IIO| = 15 mA
VDDIO1 ≥ 2.7 V
-1.3
VOH(3) Output high level voltage for an I/O pin
VDDIO1 - 1.3
-
VOL(3) Output low level voltage for an I/O pin
|IIO| = 3 mA
-0.4
VOH(3) Output high level voltage for an I/O pin
VDDIO1 - 0.45
-
VOLFM+
(3)
Output low level voltage for an FT I/O
pin in FM+ mode (FT I/O with _f option)
|IIO| = 20 mA
VDDIO1 ≥ 2.7 V
-0.4
|IIO| = 9 mA
-
0.4
1. The IIO current sourced or sunk by the device must always respect the absolute maximum rating specified in Table 18:
Voltage characteristics, and the sum of the currents sourced or sunk by all the I/Os (I/O ports and control pins) must always
respect the absolute maximum ratings ΣIIO.
2. TTL and CMOS outputs are compatible with JEDEC standards JESD36 and JESD52.
3. Guaranteed by design.
Table 51. I/O AC characteristics(1)(2)
Speed Symbol
Parameter
Conditions
Min
Max
Unit
00
Fmax
Maximum frequency
C=50 pF, 2.7 V ≤ VDDIO1 ≤ 3.6 V
-
2
MHz
C=50 pF, 2.0 V ≤ VDDIO1 ≤ 2.7 V
-
0.35
C=10 pF, 2.7 V ≤ VDDIO1 ≤ 3.6 V
-
3
C=10 pF, 2.0 V ≤ VDDIO1 ≤ 2.7 V
-
0.45
Tr/Tf
Output rise and fall time
C=50 pF, 2.7 V ≤ VDDIO1 ≤ 3.6 V
-
100
ns
C=50 pF, 2.0 V ≤ VDDIO1 ≤ 2.7 V
-
225
C=10 pF, 2.7 V ≤ VDDIO1 ≤ 3.6 V
-
75
C=10 pF, 2.0 V ≤ VDDIO1 ≤ 2.7 V
-
150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com