Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32G030C6 Datasheet(PDF) 67 Page - STMicroelectronics

Part # STM32G030C6
Description  Arm® Cortex®-M0 32-bit MCU, up to 64 KB Flash, 8 KB RAM, 2x USART, timers, ADC, comm. I/Fs, 2.0-3.6V
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G030C6 Datasheet(HTML) 67 Page - STMicroelectronics

Back Button STM32G030C6 Datasheet HTML 63Page - STMicroelectronics STM32G030C6 Datasheet HTML 64Page - STMicroelectronics STM32G030C6 Datasheet HTML 65Page - STMicroelectronics STM32G030C6 Datasheet HTML 66Page - STMicroelectronics STM32G030C6 Datasheet HTML 67Page - STMicroelectronics STM32G030C6 Datasheet HTML 68Page - STMicroelectronics STM32G030C6 Datasheet HTML 69Page - STMicroelectronics STM32G030C6 Datasheet HTML 70Page - STMicroelectronics STM32G030C6 Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 94 page
background image
DS12991 Rev 1
67/94
STM32G030x6/x8
Electrical characteristics
80
fs
Sampling rate
12 bits
-
-
2.50
MSps
10 bits
-
-
2.92
8 bits
-
-
3.50
6 bits
-
-
4.38
fTRIG
External trigger
frequency
fADC = 35 MHz; 12 bits
-
-
2.35
MHz
12 bits
-
-
fADC/15
VAIN (3)
Conversion voltage
range
-VSSA
-VREF+
V
RAIN
External input
impedance
--
-
50
kΩ
CADC
Internal sample and
hold capacitor
--
5
-
pF
tSTAB
ADC power-up time
-
2
Conversion
cycle
tCAL
Calibration time
fADC = 35 MHz
2.35
µs
-82
1/fADC
tLATR
Trigger conversion
latency;
Regular channels
without conversion
abort
CKMODE = 00
2
-
3
1/fADC
CKMODE = 01
-
-
2.75
CKMODE = 10
-
-
2.63
CKMODE = 11
-
-
3
ts
Sampling time
fADC = 35 MHz
0.043
-
4.59
µs
-1.5
-
160.5
1/fADC
tADCVREG_STUP
ADC voltage regulator
start-up time
--
-
20
µs
tCONV
Total conversion time
(including sampling
time)
fADC = 35 MHz
Resolution = 12 bits
0.40
-
4.95
µs
Resolution = 12 bits
ts + 12.5 cycles for successive
approximation
= 14 to 173
1/fADC
tIDLE
Laps of time allowed
between two
conversions without
rearm
-
-
-
100
µs
Table 54. ADC characteristics(1) (continued)
Symbol
Parameter
Conditions(2)
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com