Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32G030C6 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STM32G030C6
Description  Arm® Cortex®-M0 32-bit MCU, up to 64 KB Flash, 8 KB RAM, 2x USART, timers, ADC, comm. I/Fs, 2.0-3.6V
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G030C6 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STM32G030C6 Datasheet HTML 10Page - STMicroelectronics STM32G030C6 Datasheet HTML 11Page - STMicroelectronics STM32G030C6 Datasheet HTML 12Page - STMicroelectronics STM32G030C6 Datasheet HTML 13Page - STMicroelectronics STM32G030C6 Datasheet HTML 14Page - STMicroelectronics STM32G030C6 Datasheet HTML 15Page - STMicroelectronics STM32G030C6 Datasheet HTML 16Page - STMicroelectronics STM32G030C6 Datasheet HTML 17Page - STMicroelectronics STM32G030C6 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 94 page
background image
Functional overview
STM32G030x6/x8
14/94
DS12991 Rev 1
3.5
Boot modes
At startup, the boot pin and boot selector option bit are used to select one of the three boot
options:
•
boot from User Flash memory
•
boot from System memory
•
boot from embedded SRAM
The boot pin is shared with a standard GPIO and can be enabled through the boot selector
option bit. The boot loader is located in System memory. It manages the Flash memory
reprogramming through USART on pins PA9/PA10 or PA2/PA3, or through I2C-bus on pins
PB6/PB7 or PB10/PB11.
3.6
Cyclic redundancy check calculation unit (CRC)
The CRC (cyclic redundancy check) calculation unit is used to get a CRC code using a
configurable generator polynomial value and size.
Among other applications, CRC-based techniques are used to verify data transmission or
storage integrity. In the scope of the EN/IEC 60335-1 standard, they offer a means of
verifying the Flash memory integrity. The CRC calculation unit helps compute a signature of
the software during runtime, to be compared with a reference signature generated at link
time and stored at a given memory location.
3.7
Power supply management
3.7.1
Power supply schemes
The STM32G030x6/x8 devices require a 2.0 V to 3.6 V operating supply voltage (VDD).
Several different power supplies are provided to specific peripherals:
•
VDD = 2.0 to 3.6 V
VDD is the external power supply for the internal regulator and the system analog such
as reset, power management and internal clocks. It is provided externally through
VDD/VDDA pin.
•
VDDA = 2.0 V to 3.6 V
VDDA is the analog power supply for the A/D converter. VDDA voltage level is identical to
VDD voltage as it is provided externally through VDD/VDDA pin.
•
VDDIO1 = VDD
VDDIO1 is the power supply for the I/Os. VDDIO1 voltage level is identical to VDD voltage
as it is provided externally through VDD/VDDA pin.
•
VBAT = 1.55 V to 3.6 V
VBAT is the power supply (through a power switch) for RTC, TAMP, low-speed external
32.768 kHz oscillator and backup registers when VDD is not present. VBAT is provided
externally through VBAT pin. When this pin is not available on the package, VBAT
bonding pad is internally bonded to the VDD/VDDA pin.
•
VREF+ is the input reference voltage for the ADC. When VDDA < 2 V, VREF+ must be
equal to VDDA. When VDDA ≥ 2 V, it must be between 2 V and VDDA. It can be grounded
when the ADC is not active.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com