Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2736YMK/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Part # LM2736YMK/NOPB
Description  LM2736 Thin SOT 750 mA Load Step-Down DC-DC Regulator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2736YMK/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LM2736YMK/NOPB Datasheet HTML 1Page - Texas Instruments LM2736YMK/NOPB Datasheet HTML 2Page - Texas Instruments LM2736YMK/NOPB Datasheet HTML 3Page - Texas Instruments LM2736YMK/NOPB Datasheet HTML 4Page - Texas Instruments LM2736YMK/NOPB Datasheet HTML 5Page - Texas Instruments LM2736YMK/NOPB Datasheet HTML 6Page - Texas Instruments LM2736YMK/NOPB Datasheet HTML 7Page - Texas Instruments LM2736YMK/NOPB Datasheet HTML 8Page - Texas Instruments LM2736YMK/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
LM2736
SNVS316H – SEPTEMBER 2004 – REVISED DECEMBER 2014
www.ti.com
Table of Contents
7.4
Device Functional Modes........................................ 10
1
Features .................................................................. 1
8
Application and Implementation ........................ 11
2
Applications ........................................................... 1
8.1
Application Information .......................................... 11
3
Description ............................................................. 1
8.2
Typical Applications ............................................... 13
4
Revision History..................................................... 2
9
Power Supply Recommendations ...................... 27
5
Pin Configuration and Functions ......................... 3
10
Layout................................................................... 27
6
Specifications......................................................... 4
10.1
Layout Guidelines ................................................. 27
6.1
Absolute Maximum Ratings ...................................... 4
10.2
Layout Example .................................................... 28
6.2
ESD Ratings ............................................................ 4
11
Device and Documentation Support ................. 29
6.3
Recommended Operating Conditions ....................... 4
11.1
Device Support...................................................... 29
6.4
Thermal Information .................................................. 4
11.2
Documentation Support ........................................ 29
6.5
Electrical Characteristics........................................... 5
11.3
Trademarks ........................................................... 29
6.6
Typical Characteristics .............................................. 6
11.4
Electrostatic Discharge Caution ............................ 29
7
Detailed Description .............................................. 8
11.5
Glossary ................................................................ 29
7.1
Overview ................................................................... 8
12
Mechanical, Packaging, and Orderable
7.2
Functional Block Diagram ......................................... 9
Information ........................................................... 29
7.3
Feature Description................................................... 9
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision G (October 2014) to Revision H
Page
•
Updated Design Requirements and moved Bill of Materials to Detailed Design Procedures.............................................. 13
Changes from Revision F (April 2013) to Revision G
Page
•
Added ESD Ratings table, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section. ................................................................................................. 4
2
Submit Documentation Feedback
Copyright © 2004–2014, Texas Instruments Incorporated
Product Folder Links: LM2736



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com