Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2736YMK/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Part # LM2736YMK/NOPB
Description  LM2736 Thin SOT 750 mA Load Step-Down DC-DC Regulator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2736YMK/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LM2736YMK/NOPB Datasheet HTML 1Page - Texas Instruments LM2736YMK/NOPB Datasheet HTML 2Page - Texas Instruments LM2736YMK/NOPB Datasheet HTML 3Page - Texas Instruments LM2736YMK/NOPB Datasheet HTML 4Page - Texas Instruments LM2736YMK/NOPB Datasheet HTML 5Page - Texas Instruments LM2736YMK/NOPB Datasheet HTML 6Page - Texas Instruments LM2736YMK/NOPB Datasheet HTML 7Page - Texas Instruments LM2736YMK/NOPB Datasheet HTML 8Page - Texas Instruments LM2736YMK/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
LM2736
SNVS316H – SEPTEMBER 2004 – REVISED DECEMBER 2014
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VIN
-0.5
22
V
SW Voltage
-0.5
22
V
Boost Voltage
-0.5
28
V
Boost to SW Voltage
-0.5
8
V
FB Voltage
-0.5
3
V
EN Voltage
-0.5
VIN + 0.3
V
Junction Temperature
150
°C
Infrared/Convection Reflow (15sec)
220
°C
Soldering
Information
Wave Soldering Lead temperature (10sec)
260
°C
Tstg
Storage temperature
-65
150
°C
(1)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
6.2 ESD Ratings
VALUE
UNIT
Human body model (HBM),
V(ESD)
Electrostatic discharge
±2000
V
per ANSI/ESDA/JEDEC JS-001, all pins(1)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VIN
3
18
V
SW Voltage
-0.5
18
V
Boost Voltage
-0.5
23
V
Boost to SW Voltage
1.6
5.5
V
Junction Temperature Range
−40
125
°C
6.4 Thermal Information
LM2736
THERMAL METRIC(1)
DDC
UNIT
6 PINS
RθJA
(2)
Junction-to-ambient thermal resistance
158.1
RθJC(top)
Junction-to-case (top) thermal resistance
46.5
RθJB
Junction-to-board thermal resistance
29.5
°C/W
ψJT
Junction-to-top characterization parameter
0.8
ψJB
Junction-to-board characterization parameter
29.2
RθJC(bot)
Junction-to-case (bottom) thermal resistance
n/a
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
Thermal shutdown will occur if the junction temperature exceeds 165°C. The maximum power dissipation is a function of TJ(MAX) , θJA
and TA . The maximum allowable power dissipation at any ambient temperature is PD = (TJ(MAX) – TA)/θJA . All numbers apply for
packages soldered directly onto a 3” x 3” PC board with 2oz. copper on 4 layers in still air. For a 2 layer board using 1 oz. copper in still
air,
θJA = 204°C/W.
4
Submit Documentation Feedback
Copyright © 2004–2014, Texas Instruments Incorporated
Product Folder Links: LM2736



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com