Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2736YMK/NOPB Datasheet(PDF) 34 Page - Texas Instruments

Part # LM2736YMK/NOPB
Description  LM2736 Thin SOT 750 mA Load Step-Down DC-DC Regulator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2736YMK/NOPB Datasheet(HTML) 34 Page - Texas Instruments

Back Button LM2736YMK/NOPB Datasheet HTML 29Page - Texas Instruments LM2736YMK/NOPB Datasheet HTML 30Page - Texas Instruments LM2736YMK/NOPB Datasheet HTML 31Page - Texas Instruments LM2736YMK/NOPB Datasheet HTML 32Page - Texas Instruments LM2736YMK/NOPB Datasheet HTML 33Page - Texas Instruments LM2736YMK/NOPB Datasheet HTML 34Page - Texas Instruments LM2736YMK/NOPB Datasheet HTML 35Page - Texas Instruments LM2736YMK/NOPB Datasheet HTML 36Page - Texas Instruments LM2736YMK/NOPB Datasheet HTML 37Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 34 / 37 page
background image
www.ti.com
PACKAGE OUTLINE
C
0.20
0.12
TYP
0.25
3.05
2.55
4X 0.95
1.1
0.7
0.1
0.0
TYP
6X
0.5
0.3
0.6
0.3
TYP
1.9
0 -8 TYP
4X 0 -15
4X 4 -15
A
3.05
2.75
B
1.75
1.45
SOT-23 - 1.1 max height
DDC0006A
SMALL OUTLINE TRANSISTOR
4214841/E 08/2024
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. Reference JEDEC MO-193.
3
4
0.2
C A B
1
6
INDEX AREA
PIN 1
GAGE PLANE
SEATING PLANE
0.1 C
SCALE 4.000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com