Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJD31C Datasheet(PDF) 37 Page - Nexperia B.V. All rights reserved

Part # MJD31C
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

MJD31C Datasheet(HTML) 37 Page - Nexperia B.V. All rights reserved

Back Button MJD31C Datasheet HTML 33Page - Nexperia B.V. All rights reserved MJD31C Datasheet HTML 34Page - Nexperia B.V. All rights reserved MJD31C Datasheet HTML 35Page - Nexperia B.V. All rights reserved MJD31C Datasheet HTML 36Page - Nexperia B.V. All rights reserved MJD31C Datasheet HTML 37Page - Nexperia B.V. All rights reserved MJD31C Datasheet HTML 38Page - Nexperia B.V. All rights reserved MJD31C Datasheet HTML 39Page - Nexperia B.V. All rights reserved MJD31C Datasheet HTML 40Page - Nexperia B.V. All rights reserved MJD31C Datasheet HTML 41Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 234 page
background image
Automotive-qualified
Package
SOT457
(SC-74)
SOT23
SOT323
(SC-70)
DFN1010D-3
(SOT1215)
Size (mm)
2.9 x 1.5 x 1.0
2.9 x 1.3 x 1.0
2.0 x 1.25 x 0.95
1.1 x 1.0 x 0.37
Ptot (mW)
750
250
200
750
V
CEO (V)
I
C (mA)
Configuration R1 (kΩ) R2 (kΩ)
NPN /
NPN
NPN /
PNP
NPN
PNP
NPN
PNP
NPN
PNP
50
500
R1 = R2
1
1
PDTD113ET
PDTB113ET
PDTD113EU
PDTB113EU
PDTD113EQA
PDTB113EQA
2.2
2.2
PDTD123ET
PDTB123ET
PDTD123EU
PDTB123EU
PDTD123EQA
PDTB123EQA
4.7
4.7
PDTD143ET
PDTB143ET
PDTD143EU
PDTB143EU
PDTD143EQA
PDTB143EQA
10
10
PDTD114ET
PDTB114ET
PDTD114EU
PDTB114EU
PDTD114EQA
PDTB114EQA
R1 ≠ R2
1
10
PIMN31
PIMC31
PDTD113ZT
PDTB113ZT
PDTD113ZU
PDTB113ZU
PDTD113ZQA
PDTB113ZQA
2.2
10
PDTD123YT
PDTB123YT
PDTD123YU
PDTB123YU
PDTD123YQA
PDTB123YQA
4.7
10
PDTD143XT
PDTB143XT
PDTD143XU
PDTB143XU
PDTD143XQA
PDTB143XQA
Only R1
2.2
-
PDTD123TT
PDTB123TT
RETs 500 mA single / double
3-terminal adjustable shunt regulators
Automotive-qualified
Type name
Pinning
configuration
T
amb(C°)
Vref
Package
Size(mm)
Ptot(mW)
VKA(V)
IK(mA)
TLVH431NCDBZR
Normal pinning
0 to 70
1.5%
1.24
SOT23
2.9 x 1.3 x 1.0
480
20
80
TLVH431NIDBZR
Normal pinning
-40 to 85
TLVH431NQDBZR
Normal pinning
-40 to 125
TLVH431NMQDBZR
MIRrored pinning
TLVH431NACDBZR
Normal pinning
0 to 70
1%
TLVH431NAIDBZR
Normal pinning
-40 to 85
TLVH431NAQDBZR
Normal pinning
-40 to 125
TLVH431NAMQDBZR
MIRrored pinning
TL431CDBZR
Normal pinning
0 to 70
2%
2.495
580
36
100
TL431IDBZR
Normal pinning
-40 to 85
TL431QDBZR
Normal pinning
-40 to 125
TL431FDT
Normal pinning
TL431MFDT
MIRrored pinning
TL431ACDBZR
Normal pinning
0 to 70
1%
TL431AIDBZR
Normal pinning
-40 to 85
TL431AQDBZR
Normal pinning
-40 to 125
TL431AFDT
Normal pinning
TL431AMFDT
MIRrored pinning
TL431BCDBZR
Normal pinning
0 to 70
0.5%
TL431BIDBZR
Normal pinning
-40 to 85
TL431BQDBZR
Normal pinning
-40 to 125
TL431BFDT
Normal pinning
TL431BMFDT
MIRrored pinning
3-terminal adjustable shunt regulators
Types in
bold red are in development
37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com