Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJD31C Datasheet(PDF) 91 Page - Nexperia B.V. All rights reserved

Part # MJD31C
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

MJD31C Datasheet(HTML) 91 Page - Nexperia B.V. All rights reserved

Back Button MJD31C Datasheet HTML 87Page - Nexperia B.V. All rights reserved MJD31C Datasheet HTML 88Page - Nexperia B.V. All rights reserved MJD31C Datasheet HTML 89Page - Nexperia B.V. All rights reserved MJD31C Datasheet HTML 90Page - Nexperia B.V. All rights reserved MJD31C Datasheet HTML 91Page - Nexperia B.V. All rights reserved MJD31C Datasheet HTML 92Page - Nexperia B.V. All rights reserved MJD31C Datasheet HTML 93Page - Nexperia B.V. All rights reserved MJD31C Datasheet HTML 94Page - Nexperia B.V. All rights reserved MJD31C Datasheet HTML 95Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 234 page
background image
Power MOSFETs
N-channel 25V-30V Power MOSFETs
Package
Type number
V
DS [max] (V)
R
DS(on) [max] @
V
GS = 10 V (mΩ)
R
DS(on) [max] @
V
GS = 4.5 V or 5 V
(mΩ)
I
D [max] (A)
Q
G(tot) [typ] (nC)
LFPAK56
(Power-SO8)
PSMNR70-30YLH
30
0.82
1.1
300
46
PSMN1R0-30YLD
30
1.02
1.3
300
38.2
PSMN1R0-30YLC
30
1.15
1.4
100
50
PSMN1R2-30YLD
30
1.24
1.6
100
32
PSMN1R2-30YLC
30
1.25
1.7
100
38
PSMN1R4-30YLD
30
1.42
1.9
100
27.6
PSMN1R5-30YL
30
1.5
1.9
100
36.2
PSMN1R5-30YLC
30
1.55
2.1
100
30
PSMN1R7-30YL
30
1.7
2.1
100
36.2
PSMN2R0-30YLD
30
2
2.5
100
21.8
PSMN2R0-30YL
30
2
2.6
100
30
PSMN2R0-30YLE
30
2
3.5
100
41
PSMN2R2-30YLC
30
2.15
2.8
100
26
PSMN2R4-30YLD
30
2.4
3.1
100
18
PSMN2R5-30YL
30
2.4
3.2
100
27
PSMN2R6-30YLC
30
2.8
3.7
100
18
PSMN3R0-30YL
30
3
4
100
21
PSMN3R0-30YLD
30
3
4
100
14.5
PSMN3R5-30YL
30
3.5
4.6
100
19
PSMN4R0-30YL
30
4
5.3
100
17.6
PSMN4R0-30YLD
30
4
5.5
95
9.6
PSMN4R1-30YLC
30
4.35
5.7
92
11
PSMN5R0-30YL
30
5
6.7
91
14.1
PSMN6R0-30YL
30
6
7.9
79
11
PSMN6R0-30YLD
30
6
8.4
66
6.7
PSMN6R1-30YLD
30
6.1
8.4
66
6.4
PSMN6R0-30YLB
30
6.5
8.1
71
9
PSMN7R0-30YL
30
7
9.1
76
10
PSMN7R0-30YLC
30
7.1
8.9
61
7.9
PSMN7R5-30YLD
30
7.5
10
51
5.8
PSMN9R1-30YL
30
9.1
14
57
8.4
PSMN9R5-30YLC
30
9.8
12
44
5
PSMN013-30YLC
30
13
17
32
4
PSMN011-30YLC
30
 11.6
15
37
4.9
PSMN4R5-30YLC
30
 4.8
6.1
84
9.6
LFPAK56-UL2595
(SOT1023A)
PSMN0R9-30ULD
30
0.87
1.09
300
109
Types in
bold represent new products
91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com