Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJD31C Datasheet(PDF) 80 Page - Nexperia B.V. All rights reserved

Part # MJD31C
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

MJD31C Datasheet(HTML) 80 Page - Nexperia B.V. All rights reserved

Back Button MJD31C Datasheet HTML 76Page - Nexperia B.V. All rights reserved MJD31C Datasheet HTML 77Page - Nexperia B.V. All rights reserved MJD31C Datasheet HTML 78Page - Nexperia B.V. All rights reserved MJD31C Datasheet HTML 79Page - Nexperia B.V. All rights reserved MJD31C Datasheet HTML 80Page - Nexperia B.V. All rights reserved MJD31C Datasheet HTML 81Page - Nexperia B.V. All rights reserved MJD31C Datasheet HTML 82Page - Nexperia B.V. All rights reserved MJD31C Datasheet HTML 83Page - Nexperia B.V. All rights reserved MJD31C Datasheet HTML 84Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 234 page
background image
Package name
Type number
V
DS
[max] (V)
R
DS(on)
[max]
@ 10 V
(mΩ)
R
DS(on)
[max]
@ 4.5 V or 5 V
(mΩ)
I
D
[max]
@ 25 °C
(A)
R
th(j-mb)
[max]
(K/W)
LFPAK56D
(SOT1205)
BUK7K6R2-40E
40
5.8
40
2.21
BUK9K6R2-40E
40
6
6.2
40
2.21
BUK9K6R8-40E
40
6.1
7.2
40
2.36
BUK7K6R8-40E
40
6.8
2.36
BUK9K8R7-40E
40
8
9.4
30
2.84
BUK7K8R7-40E
40
8.5
2.84
BUK9K18-40E
40
16
20
30
3.96
BUK7K18-40E
40
19
24
3.96
BUK9K25-40E
40
24
29
18
4.68
BUK7K25-40E
40
25
4.68
LFPAK33
(SOT1210)
BUK7M3R3-40H
40
3.3
80
1.48
BUK9M3R3-40H
40
3.3
4.2
80
1.48
BUK7M4R3-40H
40
4.3
95
BUK9M4R3-40H
40
4.3
5.5
95
BUK7M5R0-40H
40
5
85
BUK9M5R0-40H
40
5
6.4
85
BUK7M6R0-40H
40
6
50
2.14
BUK9M6R0-40H
40
6
7.7
50
2.14
BUK7M6R3-40E
40
6.3
70
1.89
BUK7M6R7-40H
40
6.7
50
2.32
BUK9M6R7-40H
40
6.7
8.6
50
2.32
BUK7M8R0-40E
40
8
69
2
BUK7M8R5-40H
40
8.5
40
2.56
BUK9M8R5-40H
40
8.5
11
40
2.56
BUK7M10-40E
40
10
56
2.43
BUK7M12-40E
40
12
48
2.75
BUK7M9R5-40H
40
9.5
40
2.74
BUK9M9R5-40H
40
9.5
12
40
2.74
BUK7M21-40E
40
21
33
3.4
BUK7M11-40H
40
11
35
3
BUK9M11-40H
40
11
14
35
3
BUK7M45-40E
40
45
19
4.8
BUK9M14-40E
40
11
14
44
2.75
BUK9M24-40E
40
20
24
30
3.4
BUK7M15-40H
40
15
30
3.44
BUK9M15-40H
40
15
19
30
3.44
BUK7M20-40H
40
20
25
3.96
BUK9M20-40H
40
20
25
25
3.96
BUK9M52-40E
40
40
52
18
4.8
BUK9M7R2-40E
40
5.8
7.2
70
1.89
BUK9M9R1-40E
40
7.3
9.1
64
2
BUK9M11-40E
40
9
11
53
2.43
N-channel 40V automotive power MOSFETs
Automotive MOSFETs
types in
bold represent new products
Nexperia selection guide 2020
80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com