Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSF0108 Datasheet(PDF) 172 Page - Nexperia B.V. All rights reserved

Part # LSF0108
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

LSF0108 Datasheet(HTML) 172 Page - Nexperia B.V. All rights reserved

Back Button LSF0108 Datasheet HTML 168Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 169Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 170Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 171Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 172Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 173Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 174Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 175Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 176Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 234 page
background image
Nexperia selection guide 2020
172
Package details and packing methods
Package details
Packing methods
Packing quantity and ordering code (12NC ending)
6
X2SON6
(SOT1255)
1.0 x 0.8 x
0.35
1 x 0.8
0.8
0.4
2 mm pitch.
8 mm tape
and reel
180 × 8
-147
DFN1010B-6
(SOT1216)
1.1 x 1.0 x
0.37
1.1 x 0.8
0.88
0.35
4 mm pitch.
8 mm tape
and reel
180 × 8
-147
DFN1308-6
(SOT8006)
1.3 x 0.8 x
0.38
1.6 x 1.35
2.16
0.45
SOT8006
DFN1308-6, plastic, leadless extremely thin small package; 6
terminals; body 1.3 x 0.8 x 0.38 mm
21 May 2019
Package information
1. Package summary
Terminal position code
B (bottom)
Package type descriptive code
DFN1308-6
Package type industry code
DFN1308-6
Package style descriptive code
XSON (extremely thin small outline; no leads)
Package body material type
P (plastic)
Mounting method type
S (surface mount)
Number of package outline detail graphic
references
0
Issue date
6-5-2019
Manufacturer package code
SOT8006
Table 1. Package summary
Symbol
Parameter
Min
Typ
Nom
Max
Unit
D
package length
1.2
-
1.3
1.4
mm
E
package width
0.7
-
0.8
0.9
mm
A
seated height
0.33
-
0.38
0.43
mm
A2
package height
0.08
-
0.13
0.18
mm
e
nominal pitch
-
-
0.45
-
mm
n2
actual quantity of termination
-
-
6
-
2 mm pitch.
8 mm tape
and reel
180 × 8
-315
DFN1308-6
(SOT8006B)
1.3 x 0.8 x
0.38
1.6 x 1.35
2.16
0.45
2 mm pitch.
8 mm tape
and reel
180 × 8
-315
DFN1412-6
(SOT1268-1)
1.4 x 1.2 x
0.47
1.4 x 1.2
1.7
0.5
4 mm pitch.
8 mm tape
and reel
180 × 8
-147
XSON6
(SOT886)
1.45 x 1
x 0.5
1.45 x 1
1.45
0.5
4 mm pitch.
8 mm tape
and reel
180 × 8
-115
-125
-132
TSSOP6
(SOT363)
2.1 x 1.25
x 0.95
2.1 x 2
4.2
0.65
4 mm pitch.
8 mm tape
and reel
180 × 8
-125
-135
DFN2020-6
(SOT1118)
2 x 2 x
0.65
2 x 2
4
0.65
4 mm pitch.
8 mm tape
and reel
180 × 8
-115
DFN2020D-6
(SOT1118D)
2 x 2 x
0.65
2 x 2
4
0.65
4 mm pitch.
8 mm tape
and reel
180 × 8
-115
DFN2020MD-6
(SOT1220)
2 x 2 x
0.65
2 x 2
4
0.65
4 mm pitch.
8 mm tape
and reel
180 × 8
-125
TSOP6
(SOT457)
2.9 x 1.5
x 1
2.9 x 2.75
7.98
0.95
4 mm pitch.
8 mm tape
and reel
180 × 8
-115
-135
7
XSON7
(SOT1358-1)
1.1 x 2.1
x 0.5
1.1 x 2.1
2.4
0.5
4 mm pitch.
8 mm tape
and reel
180 × 9
-471
8
XSON8
(SOT833-1)
1.95 x 1
x 0.5
1.95 x 1
1.95
0.5
4 mm pitch.
8 mm tape
and reel
180 × 8
-115
XSON8
(SOT1116)
1.2 x 1 x
0.35
1.2 x 1
1.2
0.3
4 mm pitch.
8 mm tape
and reel
180 × 8
-115
X2SON8
(SOT1233)
1.35 x 0.8
x 0.35
1.35 x 0.8
1.1
0.4
2 mm pitch.
8 mm tape
and reel
180 × 8
-115
XSON8
(SOT1203)
1.35 x 1 x
0.35
1.35 x 1
1.35
0.35
4 mm pitch.
8 mm tape
and reel
180 × 8
-115
XSON8
(SOT1089)
1.35 x 1
x 0.5
1.35 x 1
1.35
0.35
4 mm pitch.
8 mm tape
and reel
180 × 8
-115
XQFN8
(SOT902-2)
1.6 x 1.6
x 0.5
1.6 x 1.6
2.6
0.5
4 mm pitch.
8 mm tape
and reel
180 × 8
-125
DFN1714-8
(SOT972-2)
1.7 x 1.35
x 0.5
1.7 x 1.35
2.3
0.4
4 mm pitch.
8 mm tape
and reel
180 × 8
-132
VSSOP8
(SOT765-1)
2 x 2.3 x 1
2 x 3.1
6.2
0.5
4 mm pitch.
8 mm tape
and reel
180 × 8
-125
LFPAK33
(SOT1210)
2.7 x 3.4
x 0.9
3.3 x 3.3
10.9
0.65
8 mm pitch.
12 mm tape
and reel
180 × 12
-115
XSON8
(SOT996-2)
2 x 3 x 0.5
2 x 3
6
0.5
4 mm pitch.
8 mm tape
and reel
180 × 8
-125
TSSOP8
(SOT505-2)
3.0 x 3.0
x 1.1
3 x 4
12
0.65
4 mm pitch.
12 mm tape
and reel
180 × 12
-125
TSSOP8
(SOT530-1)
3.0 x 3.4
x 1.1
3 x 4
12
0.65
330 x 12
-118
LFPAK56D
(SOT1205)
4.7 x 5.3 x
1.05
5 x 6
30
1.27
8 mm pitch.
12 mm tape
and reel
180 × 8
-115
Package details and packing methods SMD
Package details and packing methods
SOT8006B
plastic, leadless extremely thin small package; 6 terminals;
body 1.3 x 0.8 x 0.38 mm
19 December 2018
Package information
1. Package summary
Terminal position code
B (bottom)
Package type descriptive code
DFN1308-6
Package type industry code
DFN1308-6
Package body material type
P (plastic)
Mounting method type
S (surface mount)
Number of package outline detail graphic
references
0
Issue date
14-12-2018
Manufacturer package code
SOT8006
Table 1. Package summary
Symbol
Parameter
Min
Typ
Nom
Max
Unit
D
package length
1.2
-
1.3
1.4
mm
E
package width
0.7
-
0.8
0.9
mm
A
seated height
0.33
-
0.38
0.43
mm
e
nominal pitch
-
-
0.45
-
mm
n2
actual quantity of termination
-
-
6
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com