Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSF0108 Datasheet(PDF) 176 Page - Nexperia B.V. All rights reserved

Part # LSF0108
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

LSF0108 Datasheet(HTML) 176 Page - Nexperia B.V. All rights reserved

Back Button LSF0108 Datasheet HTML 172Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 173Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 174Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 175Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 176Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 177Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 178Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 179Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 180Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 234 page
background image
Nexperia selection guide 2020
176
Package details and packing methods
Packing
letter
3NC
Packing type
short name
Packing type description
Short packing type description
E
551
TRAYBDP
STANDARD MARKING * TRAY DRY PACK, BAKEABLE, SINGLE
Tray Dry Pack, Bakeable, Single
E
551
TRAYBDP
STANDARD MARKING * TRAY DRY PACK, BAKEABLE, SINGLE
Tray Dry Pack, Bakeable, Single
F
135
REELLG
REEL 13" Q1/T1 *STANDARD MARK SMD LARGEPQ
Reel Pack, SMD, Large
FL
113
REELA52
STANDARD MARKING * REEL PACK,AXIAL,STANDARD,52MM
Reel Pack, Axial, Standard
H
125
REELR
REEL 7" Q3/T4 *STANDARD MARK
Reel Pack, 7" Q3/T4
HL
653
REEL13
REEL 13" Q1/T1 *STANDARD MARK SMD (CECC)
Reel Pack, SMD, 13", Q1/T1 CECC
HP
128
REEL13T
REEL 13" Q2/T3 *STANDARD MARK SMD
Reel Pack, SMD, 13", Q2/T3
J
118
REEL13
REEL 13" Q1/T1 *STANDARD MARK SMD
Reel Pack, SMD, 13" Q1/T1
JL
652
TUBE-BULK
STANDARD MARKING - TUBE,CECC
Bulk Pack, CECC
K
557
TRAYDPM
STANDARD MARKING * TRAY DRY PACK,BAKEABLE,MULTIPLE
Tray Dry Pack, Bakeable, Multiple
KL
602
TUBE-BULK
STANDARD MARKING - TUBE (SIGNETICS)
Tube (Signetics)
M
699
SPEC
SEE SPEC. ON ORDER FOR MARKING, BRANDING, PACKING
See specification on order for Marking, Branding, Packi
Q
127
RAILH
STANDARD MARKING * HORIZONTAL, RAIL PACK
Horizontal, Rail Pack
QP
116
REEL48
STANDARD MARKING * REEL PACK, 48MM WIDE, 400MM DIA
Reel Pack, Radial
R
215
REELLP
REEL 7" Q3/T4 *STANDARD MARK SMD LOW PROFILE
Reel Pack, SMD, 7" Q3/T4 Low Profile
RL
133
AMMOA52
STANDARD MARKING * AMMOPACK, AXIAL, 52M
Ammopack, Axial, 52mm
RP
143
AMMOA26
STANDARD MARKING * AMMOPACK, AXIAL, 26MM
Ammopack, Axial, 26mm
S
512
TUBEDP
STANDARD MARKING * TUBE DRY PACK
Tube Dry Pack
U
112
TUBE-BULK
STANDARD MARKING * IC'S TUBE - DSC BULK PACK
Bulk Pack
VL
235
REELLGLP
REEL 11" Q3/T4*STANDARD MARK SMDLOWPROFILE LARGEPQ
Reel Pack, SMD, 11" Q3/ T4 Low Profile, Large
X
115
REEL7
REEL 7" Q1/T1 *STANDARD MARK SMD
Reel Pack, SMD 7" Q1/T1
XL
132
REEL7SMDM
REEL 7" Q1/T1,Q3/T4 *STANDARD MARK SMD
Reel 7" Q1/T1, Q3/T4
XP
623
REEL13
REEL 13"Q1/T1*STANDARD MARK SMD(SIGNETICS)
Reel Pack, SMD, 13" (Signetics)
Y
518
REEL13DP
REEL 13" Q1/T1 *STANDARD MARK SMD DP
Reel Dry Pack, SMD, 13" Q1/T1
YL
315
REELP2
REEL 7" Q1/T1 *STANDARD MARK SMD PITCH2MM
Reel Pack, SMD, 7" Q1/T1 Pitch 2mm
Z
023
REEL7
REEL 7" Q1/T1 *STANDARD MARK CIRCUIT ELEMENT
Reel 7" Q1/T1
Z
084
REEL7LPQ
REEL 7" Q1/T1 *STANDARD MARK CHIPS LARGE PQ
REEL 7" Q1/T1 Large
Z
147
REEL90D EGREET
REEL 7" Q2/T3 *STANDARD MARK
Reel 7" Q2/T3
Z
134
REEL13 LARGE PQ
REEL 13" Q1/T1 *STANDARD MARK SMD LARGEPQ
Reel 13" Q1/T1 in LargePack
Z
013
REEL13T180
REEL 13" Q4/T2 *STANDARD MARK
Reel Pack 13", 180 degree turned
Z
146
REEL270 DEGREET
REEL 7" Q4/T2 *STANDARD MARK
Reel 7" Q4/T2
Z
471
REEL7SBB1
REEL 7" Q1/T1 *STANDARD MARK SBB
Reel 7" Q1/T1 in Sulfur Barrier Bag
Packing letter codes used in orderable part number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com