Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSF0108 Datasheet(PDF) 184 Page - Nexperia B.V. All rights reserved

Part # LSF0108
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

LSF0108 Datasheet(HTML) 184 Page - Nexperia B.V. All rights reserved

Back Button LSF0108 Datasheet HTML 180Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 181Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 182Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 183Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 184Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 185Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 186Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 187Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 188Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 234 page
background image
Nexperia selection guide 2020
184
Package cross reference
Pins/
leads
Nexperia
Industry
standard
names
Size
(l x w x h)
(mm)
P
tot
(mW)
Package
Competitor synonyms
Rohm
Toshiba
ON Semi
Renesas
Infineon
Diodes Inc
ST
Vishay
Semtech
2
DSN0402-2
(SOD992)
0.4 x 0.2 x
0.12
SMD0402
CL2
DSN2
0.4 x 0.2
ST01005
SLP-
0402P2X3
DSN0402B-2
(SOD992B)
0.43 x 0.23 x
0.12
DFN0603-2
(SOD972E)
0.63 x 0.33 x
0.25
SL2
X3DFN2
X3-DFN0603-2
SGP-
0603P2X3
DSN1006-2
(SOD993)
1.0 x 0.6 x 0.3
DSN2
1.0 x 0.6
DSN1006U-2
(SOD995)
1.0 x 0.6 x 0.3
DSN2
1.0 x 0.6
DFN1006-2
(SOD882)
1.0 x 0.6 x
0.48
250
(VMN2)
CTS2 (fSC) (SOD923-2)
TSLP-2-1
XI-DFN1006-2
SOD 882
uQFN-2L
LLP1006-2M
LLP1006-2L
SLP1006P2
DFN1006D-2
(SOD882D)
1.0 x 0.6 x
0.37
250
(VMN2)
CTS2 (fSC)
DSN2
1.0 x 0.6
TSLP-2-7/
-17
X2-DFN1006-2
SOD882T
LLP1006-2L
LLP1006-2M
SLP1006P2T
DFN1608D-2
(SOD1608)
1.6 x 0.8 x
0.37
780
KMD2
DSN2
1.6 x 0.8
TSNP-2-2
SLP1610N2
DSN0603-2
(SOD962)
0.6 x 0.3 x 0.3
525
GMD2
SC2
DSN2,
X3DFN-2
WLCSP2
MP6
TSSLP-2-1 X3-DFN0603-2
DFN2
CLP0603
SLP-
0603P2X3
SOD80C
Mini-
Melf
3.5 x 1.5 x 1.5
300
LLDS
LLD
MiniMelf
MiniMelf
MiniMelf
SOD123F
2.6 x 1.6 x 1.1
830
S-Flat
SOD-123-FL
PowerDI123
SOD-123
CFP3
(SOD123W)
2.6 x 1.7 x 1.0
950
PMDU
S-Flat
SOD-123-FL
SRP-F
PowerDI123
Stmite flat
CFP5
(SOD128)
3.8 x 2.5 x 1.0
1050
PMDT
M-Flat
SMA flat
SOD323
SC-76
1.7 x 1.25 x
0.95
400
USC
SOD-323
URP
SOD323
SOD-323
SOD-323
SOD323
SOD323
SOD323F
SC-90
1.7 x 1.25
x 0.7
830
UMD2
US-Flat
PowerDI323
SOD523
SC-79
1.2 x 0.8 x 0.6
500
EMD2
ESC/TESC
SOD-523
UFP
SC79
SOD523
SOD-523
SOD523
SOD523
3
CFP15
(SOT1289)
5.8 x 4.3 x
0.78
2150
PowerDi5
SMPC
TO-277A
CFP15B
(SOT1289B)
5.8 x 4.3 x
0.95
2150
PowerDi5
SMPC TO-
277A
DFN1006-3
(SOT883)
SC-101
1.0 x 0.6 x
0.48
250
VML1006
SS CSP2
XDFN3
TSLP-3-4
X1 -DFN
1006-3
SLP1006P3
DFN1006B-3
(SOT883B)
1.0 x 0.6 x
0.37
250
VML1006
CST3
XDFN3
TSLP-3-1,
-15
X2-DFN1006-3
SLP1006P3T
DFN1010D-3
(SOT1215)
1.1 x 1.0 x
0.37
325
(VMT3)
(VESM)
(SOT723)
X2-DFN1010-3
DFN2020-3
(SOT1061)
HUSON3
2.0 x 2.0 x
0.62
1300
WDFN3
U-DFN2020-3
Type B 2.0 x
2.0 x 0.6
PowerPAK
SC706L
DFN2020D-3
(SOT1061D)
2.0 x 2.0 x
0.62
1300
WDFN3
U-DFN2020-3
Type B 2.0 x
2.0 x 0.6
PowerPAK
SC706L
D2PAK
(SOT404)
11.0 x 11.0
x 4.3
LPDS/ LPTS
TO-220SM
D2PAK
D2PAK
D2PAK 3
TO-263-2L
TO-220S /
SMD TO-263
LDPAK(S)-(1)
MP-25Z
D2PAK,
PG-
T0263-3
T0263
(D2PAK)
D2PAK,
H2PAK-2
TO-263 3-lead
TO-263AB /
D2PAK
TO-263
SOT23
2.9 x 1.3 x 1.0
250
SSD3/ SST3
S-Mini
TSM
SOT-23
MPAK
SOT23
SOT-23
SOT23
SOT23
SOT23
SOT89
SC-62
4.5 x 2.5 x 1.5
1300
MPT3
PW-Mini
SOT-89
UPAK
(SOT89)
SOT89
SOT89
SOT323
SC-70
2.0 x 1.25 x
0.95
200
UMD3/
UMT3
TUMT3
USM
SC-70
CMAK/
CMPAK
SOT323
SOT-323
SOT-323
SC-70 3 leads
SOT-323
Package cross reference matrix
Types in brackets (…) show footprint compatibility only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com