Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSF0108 Datasheet(PDF) 185 Page - Nexperia B.V. All rights reserved

Part # LSF0108
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

LSF0108 Datasheet(HTML) 185 Page - Nexperia B.V. All rights reserved

Back Button LSF0108 Datasheet HTML 181Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 182Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 183Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 184Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 185Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 186Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 187Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 188Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 189Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 234 page
background image
185
Package cross reference matrix
Pins/
leads
Nexperia
Industry
standard
names
Size
(l x w x h)
(mm)
P
tot
(mW)
Package
Competitor synonyms
Rohm
Toshiba
ON Semi
Renesas
Infineon
Diodes Inc
ST
Vishay
Semtech
3
TO-220
(SOT78)
15.6 x 10 x 4.4
TO-220FM
TO-220
TO-220-3L,
TO-220F-3FS,
TO-220-3
MP-25(K)
PG-TO220-3,
TO220
TO220-3
TO-220
TO-220, TO-
220AB
I2PAK
(SOT226)
11 x 10 x 4.3
I2PAK,
TO-262-2L,
TO-262-3L
MP-25SK,
TO-262
PG-TO262-3,
TO262
I2PAK
TO-262
4
LFPAK56
(SOT669)
Power-
S08
4.9 x 4.45
x 1.0
395W
HSOP8
(Single)
SOP / DSOP
Advance
SO-8 FL,
DFN-5,
LFPAK4
LFPAK56,
HSON-8
PG-TD-
SON-8
Power-
Di5060-8
Power-
FLAT
(6x5)
PowerPAK
SO-8(L)
SOT143B
2.9 x 1.3 x 1.0
250
CP4
MPAK-4R
SOT143
SOT-143
SOT-143
LFPAK56E
(SOT1023)
6.2 x 5.3 x 1.1 500W
HSOP8
(Single)
SOP /
DSOP
Advance
SO-8 FL,
DFN-5,
LFPAK8
LFPAK56,
HSON-8
PG-TD-
SON-8
Power-
Di5060-8
Power-
FLAT
(6x5)
PowerPAK
SO-8(L)
SOT223
SC-73
6.5 x 3.5 x
1.65
1700
SOT-223
SOT223
SOT-223
SOT223
LFPAK88
(SOT1235)
8 x 8 x 1.6
375W
D2PAK+
TO-LL
Power88
D2PAK-3
D2PAK-7
TO-LL
sTOLL
TOLG
D2PAK
D2PAK7P
D2PAK
H2PAK-2
H2PAK-6
PowerPAK
8x8L
D2PAK-3
D2PAK-7
5
SOT353
SC-88 A
2.0 x 1.25 x
0.95
300
UMD5/
UMT5
USV
SC-88 A
CMPAK-
5C0
SOT353
SOT353
SC70-5L
6
DFN1010-6
(SOT891)
XSON6
1.0 x 1.0 x
0.48
CS6
SOT963
DFN1010B-6
(SOT1216)
1.1 x 1.0 x
0.37
350
(VMT6)
(FS6)
(SOT063)
(SOT963)
DFN1410-6
(SOT886)
XSON6
1.45 x 1.0 x
0.48
250
SLP1510N6
DFN2020-6
(SOT1118)
2.0 x 2.0 x
0.62
1300
HU-
ML2020L8
(Dual)
UDFN6
6 Lead DFN
WDFN6
UDFN2020-
6 Type B
PowerPAK
SC-70 Thin
PowerPAK
SC-70
DFN2020D-6
(SOT1118D)
2.0 x 2.0 x
0.62
1300
HU-
ML2020L8
(Dual)
UDFN6
6 Lead DFN
WDFN6
UDFN2020-
6 Type B
PowerPAK
SC-70 Thin
PowerPAK
SC-70
DFN-
2020MD-6
(SOT1220)
2.0 x 2.0 x
0.62
1250
HU-
ML2020L8
(Single)
UDFN6B
UDFN-6
WDFN6
UDFN2020-
6 Type E
PowerPAK
SC-70 Thin
PowerPAK
SC-70
SOT363
SC-88
2.0 x 1.25 x
0.95
300
UMD6/
UMT6
US6
UF6
USV
SC-88
CMPAK-6
SOT363
SOT-363
SC70-6
SC70-6L
SOT457
SC-74
2.9 x 1.5 x 1.0
750
SMD6/
SMT6
SM6 VS-6
SC-74
TSOP-6
TSOP-6
SC74
TSOP6
SOT23-6
SOT26
TSOP6
TSOP-6
SOT23-6L
8
LFPAK33
(SOT1210)
3.3 x 3.3 x
0.85
790
HSMT8
TSON
Advance
µ8FL,
WDFN-8
PG-TSD-
SON-8
Power
DI3333-8
Power
FLAT 3.3
x 3.3
PowerPAK
1212-8
LFPAK56D
(SOT1205)
4.9 x 4.45
x 1.0
680
HSOP8
(Dual)
SO-8FL Dual,
DFN-8
HSON-8 dual PG-TDSON-8
Power
DI5060-8
Power
FLAT 5x6
Dual
PowerPAK
SO-8L Dual
SOT96
S08
4.9 x 3.9 x
1.75
1500
SOP8
FM8
SOIC-8 NB
SOP-8
S08
DFN1714-8
(SOT 1166)
HUSON8
1.7 x 1.35 x
0.52
SLP1713P8
DFN1714U-8
(SOT983)
HXSON8
1.7 x 1.35 x
0.48
UDFN 1.7 x
1.35, 0.4P
SLP1713P8
10
DFN2510-10
(SOT 1165)
XSON10
2.5 x 1.0 x
0.48
UDFN10 2.5
x 1, 0.5P
TSLP-9-1
pQFN-10L
SLP1610P4
DF-
N2510A-10
(SOT1176)
XSON10
2.5 x 1.0 x
0.48
UDFN10 2.5
x 1, 0.5P
TSLP-9-1
pQFN-10L
SLP1610P4
DFN2626-10
(SOT 1197)
2.6 x 2.6 x
0.48
UDFN10 2.6
x 2.6, 0.5P
SLP2626P10
Types in brackets (…) show footprint compatibility only
Package cross reference
Package cross reference
Package cross reference matrix



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com