Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSF0108 Datasheet(PDF) 212 Page - Nexperia B.V. All rights reserved

Part # LSF0108
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

LSF0108 Datasheet(HTML) 212 Page - Nexperia B.V. All rights reserved

Back Button LSF0108 Datasheet HTML 208Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 209Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 210Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 211Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 212Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 213Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 214Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 215Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 216Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 234 page
background image
Nexperia selection guide 2020
212
Minimized outline drawings and reflow soldering footprint
Dimensions in mm
Images are for reference only, for detailed drawings please visit nexperia.com/packages
10-pin SMD packages
XQFN12 (SOT1174-1)
XQFN12 (SOT1174-1)
12-pin SMD packages
14-pin SMD packages
DHVQFN14 (SOT762-1)
DHVQFN14 (SOT762-1)
SOT762-1
Footprint information for reflow soldering of DHVQFN14 package
Refer to the package outline drawing for actual layout
sot762-1_fr
occupied area
solder land plus solder paste
solder land
solder paste deposit
0.105
2.800
3.750
3.300
0.600
1.400
2.200
4.000
4.250
0.400
0.025
0.900
1.700
3.500
0.025
0.500
0.240
SOT762-1
Footprint information for reflow soldering of DHVQFN14 package
Refer to the package outline drawing for actual layout
sot762-1_fr
occupied area
solder land plus solder paste
solder land
solder paste deposit
0.105
2.800
3.750
3.300
0.600
1.400
2.200
4.000
4.250
0.400
0.025
0.900
1.700
3.500
0.025
0.500
0.240
15-05-05
Dimensions in mm
0.2 min
0.5
0.5
0.3
0.2
min
26
13
9
8
7
1
14
1.0 max
0.05
0.00
1.15
0.85
2.6
2.4
3.1
2.9
2.0
1.65
1.35
0.30
0.18
0.5
TSSOP10 (SOT552-1)
TSSOP10 (SOT552-1)
sot552-1_fr
SOT552 -1
Footprint information for reflow soldering of TSSOP10 package
solder land
occupied area
11-04-19
13-05-02
3.1
5.0
3.1
0.5
Issue date
sot552-1_fr
SOT552 -1
Footprint information for reflow soldering of TSSOP10 package
solder land
occupied area
11-04-19
13-05-02
3.1
5.0
3.1
0.5
Issue date
03-02-18
Dimensions in mm
1.1
max
0.7
0.4
0.23
0.15
3.1
2.9
3.1
2.9
0.5
0.30
0.15
5.0
4.8
pin 1 index
10
1
6
5
DFN2510A-10 (SOT1176-1)
DFN2510A-10 (SOT1176)
Unit(1)
mm
max
nom
min
0.5 0.05
0.00
0.25
0.20
0.15
2.6
2.5
2.4
1.1
1.0
0.9
0.5
0.2
0.40
0.35
0.30
0.1
A
Dimensions
A1
A3
0.127
bD
Ee
e1
2
kL
L1
0.45
0.40
0.35
vw
0.05
y
0.05
y1
0.05
01
2 mm
scale
X
C
y
C
y1
terminal 1
index area
B
A
D
E
detail X
A1
A
A3
b
k
L
L1
terminal 1
index area
e1
e
A
C
B
v
C
w
10
6
5
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com