Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSF0108 Datasheet(PDF) 215 Page - Nexperia B.V. All rights reserved

Part # LSF0108
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

LSF0108 Datasheet(HTML) 215 Page - Nexperia B.V. All rights reserved

Back Button LSF0108 Datasheet HTML 211Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 212Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 213Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 214Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 215Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 216Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 217Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 218Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 219Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 234 page
background image
215
DHVQFN20 (SOT764-1)
DHVQFN20 (SOT764-1)
SOT764-1
Footprint information for reflow soldering of DHVQFN20 package
Refer to the package outline drawing for actual layout
occupied area
solder land plus solder paste
solder land
solder paste deposit
0.400
0.650
0.025
4.800
5.750
0.500
0.290
1.700
2.900
3.500
5.500
0.900
1.700
3.700
3.750
2.800
0.105
0.025
SOT764-1
Footprint information for reflow soldering of DHVQFN20 package
Refer to the package outline drawing for actual layout
occupied area
solder land plus solder paste
solder land
solder paste deposit
0.400
0.650
0.025
4.800
5.750
0.500
0.290
1.700
2.900
3.500
5.500
0.900
1.700
3.700
3.750
2.800
0.105
0.025
14-12-12
Dimensions in mm
0.5
29
19
12
11
10
1
20
1.0
0.8
0.05
0.00
1.15
0.85
2.6
2.4
4.6
4.4
3.5
3.15
2.85
0.5
0.3
0.30
0.18
0.5
Minimized outline drawings and reflow soldering footprint
Dimensions in mm
20-pin SMD packages
24-pin SMD packages
TSSOP20 (SOT360-1)
TSSOP20 (SOT360-1)
SOT360-1
Footprint information for reflow soldering of TSSOP20 package
sot360-1_fr
Issue date 17-11-28
17-11-30
occupied area
solder paste deposit
solder land
solder land plus solder paste
recommended stencil thickness: 0.125 mm
1.35
5.30
7.45
0.60
0.3
0.5
0.125
4.50
1.25
7.20
0.65
0.75
0.40
0.125
6.90
7.30
SOT360-1
Footprint information for reflow soldering of TSSOP20 package
sot360-1_fr
Issue date 17-11-28
17-11-30
occupied area
solder paste deposit
solder land
solder land plus solder paste
recommended stencil thickness: 0.125 mm
1.35
5.30
7.45
0.60
0.3
0.5
0.125
4.50
1.25
7.20
0.65
0.75
0.40
0.125
6.90
7.30
SO24 (SOT137-1)
SO24 (SOT137-1)
SOT137-1
Footprint information for reflow soldering of SO24 package
sot137-1_fr
Issue date 17-11-28
17-11-30
occupied area
solder paste deposit
solder land
solder land plus solder paste
recommended stencil thickness: 0.15 mm
2.40
8.60
11.45
0.125
6.40
2.2
11.20
0.80
1.32
1.27
0.70
0.5
0.6
0.125
15.12
17.00
SOT137-1
Footprint information for reflow soldering of SO24 package
sot137-1_fr
Issue date 17-11-28
17-11-30
occupied area
solder paste deposit
solder land
solder land plus solder paste
recommended stencil thickness: 0.15 mm
2.40
8.60
11.45
0.125
6.40
2.2
11.20
0.80
1.32
1.27
0.70
0.5
0.6
0.125
15.12
17.00
15-05-26
Dimensions in mm
DHVQFN24 (SOT815-1)
DHVQFN24 (SOT815-1)
Images are for reference only, for detailed drawings please visit nexperia.com/packages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com