Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4940TS/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Part # LM4940TS/NOPB
Description  LM4940 6W Stereo Audio Power Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4940TS/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LM4940TS/NOPB Datasheet HTML 1Page - Texas Instruments LM4940TS/NOPB Datasheet HTML 2Page - Texas Instruments LM4940TS/NOPB Datasheet HTML 3Page - Texas Instruments LM4940TS/NOPB Datasheet HTML 4Page - Texas Instruments LM4940TS/NOPB Datasheet HTML 5Page - Texas Instruments LM4940TS/NOPB Datasheet HTML 6Page - Texas Instruments LM4940TS/NOPB Datasheet HTML 7Page - Texas Instruments LM4940TS/NOPB Datasheet HTML 8Page - Texas Instruments LM4940TS/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
LM4940
www.ti.com
SNAS219C – OCTOBER 2003 – REVISED MAY 2013
ABSOLUTE MAXIMUM RATINGS
(1) (2) (3)
Supply Voltage (pin 6, referenced to GND, pins 4 and 5)
18.0V
Storage Temperature
−65°C to +150°C
Input Voltage
Pins 3 and 7
−0.3V to VDD + 0.3V
Pins 1, 2, 8, and 9
−0.3V to 9.5V
Power Dissipation(4)
Internally limited
ESD Susceptibility(5)
2000V
ESD Susceptibility(6)
200V
Junction Temperature
150°C
Thermal Resistance
θJC (KTW)
4°C/W
θJA (KTW)
(4)
20°C/W
θJC (NEC)
4°C/W
θJA (NEC)
(4)
20°C/W
(1)
All voltages are measured with respect to the GND pin, unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which ensure performance limits. This assumes that the device is within the Operating
Ratings. Specifications are not ensured for parameters where no limit is given, however, the typical value is a good indication of device
performance.
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(4)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the ambient temperature,
TA. The maximum allowable power dissipation is P DMAX = (TJMAX − TA) / θJA or the given in Absolute Maximum Ratings, whichever is
lower. For the LM4940 typical application (shown in Figure 1) with VDD = 12V, RL = 4Ω stereo operation the total power dissipation is
3.65W.
θJA = 20°C/W for both DDPAK and TO–220 packages mounted to 16in
2 heatsink surface area.
(5)
Human body model, 100pF discharged through a 1.5k
Ω resistor.
(6)
Machine Model, 220pF–240pF discharged through all pins.
OPERATING RATINGS
Temperature Range (TMIN ≤ TA ≤ TMAX)
−40°C ≤ T A ≤ 85°C
Supply Voltage
10V
≤ VDD ≤ 16V
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM4940



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com