Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4940TS/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # LM4940TS/NOPB
Description  LM4940 6W Stereo Audio Power Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4940TS/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM4940TS/NOPB Datasheet HTML 1Page - Texas Instruments LM4940TS/NOPB Datasheet HTML 2Page - Texas Instruments LM4940TS/NOPB Datasheet HTML 3Page - Texas Instruments LM4940TS/NOPB Datasheet HTML 4Page - Texas Instruments LM4940TS/NOPB Datasheet HTML 5Page - Texas Instruments LM4940TS/NOPB Datasheet HTML 6Page - Texas Instruments LM4940TS/NOPB Datasheet HTML 7Page - Texas Instruments LM4940TS/NOPB Datasheet HTML 8Page - Texas Instruments LM4940TS/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
LM4940
www.ti.com
SNAS219C – OCTOBER 2003 – REVISED MAY 2013
LM4940
6W Stereo Audio Power Amplifier
Check for Samples: LM4940
1
FEATURES
DESCRIPTION
The LM4940 is a dual audio power amplifier primarily
23
•
Click and Pop Circuitry Eliminates Noise
designed for demanding applications in flat panel
During Turn-On and Turn-Off Transitions
monitors and TVs. It is capable of delivering 6 watts
•
Low Current, Active-Low Shutdown Mode
per channel to a 4
Ω load with less than 10% THD+N
•
Low Quiescent Current
while operating on a 14.4VDC power supply.
•
Stereo 6W Output, RL = 4Ω
Boomer™ audio power amplifiers were designed
specifically to provide high quality output power with a
•
Short Circuit Protection
minimal
amount
of
external
components.
The
•
Unity-Gain Stable
LM4940 does not require bootstrap capacitors or
•
External Gain Configuration Capability
snubber circuits. Therefore, it is ideally suited for
display applications requiring high power and minimal
APPLICATIONS
size.
•
Flat Panel Monitors
The LM4940 features a low-power consumption
active-low shutdown mode. Additionally, the LM4940
•
Flat Panel TVs
features an internal thermal shutdown protection
•
Computer Sound Cards
mechanism along with short circuit protection.
The LM4940 contains advanced pop and click
KEY SPECIFICATIONS
circuitry that eliminates noises which would otherwise
•
Quiscent Power Supply Current: 40mA (max)
occur during turn-on and turn-off transitions.
(SE)
The LM4940 is a unity-gain stable and can be
•
POUT
configured by external gain-setting resistors.
VDD = 14.4V, RL = 4Ω, 10% THD+N: 6 W (typ)
•
Shutdown Current: 40µA (typ)
TYPICAL APPLICATION
Figure 1. Typical Stereo Audio Amplifier Application Circuit
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Boomer is a trademark of Texas Instruments, Inc.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM4940TS/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4940TS/NOPB TI1-LM4940TS/NOPB Datasheet
1Mb / 23P
6W Stereo Audio Power Amplifier
More results

Similar Description - LM4940TS/NOPB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA2007A STMICROELECTRONICS-TDA2007A Datasheet
110Kb / 7P
6 6W STEREO AMPLIFIER
May-1991
logo
National Semiconductor ...
LM4940 NSC-LM4940 Datasheet
1Mb / 14P
6W Streo Audio Power Amplifier
logo
List of Unclassifed Man...
TMPA402DS ETC1-TMPA402DS Datasheet
236Kb / 13P
6W/Ch STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Wuxi Youda electronics ...
CTC810 YOUDA-CTC810 Datasheet
119Kb / 4P
6W AUDIO POWER AMPLIFIER
YD1519B YOUDA-YD1519B Datasheet
96Kb / 6P
6W STEREO POWER AMPLIFIER
logo
Power Analog Micoelectr...
PAM8606 PAM-PAM8606 Datasheet
292Kb / 16P
6W Stereo Class-D Audio Power Amplifier with DC Volume Control
logo
Texas Instruments
LM4940TSX TI1-LM4940TSX Datasheet
1Mb / 23P
6W Stereo Audio Power Amplifier
logo
Anpec Electronics Corop...
APA2607 ANPEC-APA2607 Datasheet
571Kb / 26P
6W Stereo Class-D Audio Power Amplifier
APA2613 ANPEC-APA2613 Datasheet
473Kb / 25P
6W Stereo Class-D Audio Power Amplifier
logo
Texas Instruments
LM4940 TI1-LM4940_14 Datasheet
1Mb / 23P
6W Stereo Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com