Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4940TS/NOPB Datasheet(PDF) 11 Page - Texas Instruments

Part # LM4940TS/NOPB
Description  LM4940 6W Stereo Audio Power Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4940TS/NOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM4940TS/NOPB Datasheet HTML 7Page - Texas Instruments LM4940TS/NOPB Datasheet HTML 8Page - Texas Instruments LM4940TS/NOPB Datasheet HTML 9Page - Texas Instruments LM4940TS/NOPB Datasheet HTML 10Page - Texas Instruments LM4940TS/NOPB Datasheet HTML 11Page - Texas Instruments LM4940TS/NOPB Datasheet HTML 12Page - Texas Instruments LM4940TS/NOPB Datasheet HTML 13Page - Texas Instruments LM4940TS/NOPB Datasheet HTML 14Page - Texas Instruments LM4940TS/NOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
LM4940
www.ti.com
SNAS219C – OCTOBER 2003 – REVISED MAY 2013
TA = TJMAX - PDMAX-SEθJA
(3)
For a typical application with a 12V power supply and two 4
Ω SE loads, the maximum ambient temperature that
allows maximum stereo power dissipation without exceeding the maximum junction temperature is approximately
113°C for the KTW package.
TJMAX = PDMAX-SEθJA + TA
(4)
Equation 4 gives the maximum junction temperature TJMAX. If the result violates the LM4940's 150°C, reduce the
maximum junction temperature by reducing the power supply voltage or increasing the load resistance. Further
allowance should be made for increased ambient temperatures.
The above examples assume that a device is operating around the maximum power dissipation point. Since
internal power dissipation is a function of output power, higher ambient temperatures are allowed as output
power or duty cycle decreases.
If the result of Equation 3 is greater than that of Equation 4, then decrease the supply voltage, increase the load
impedance, or reduce the ambient temperature. Further, ensure that speakers rated at a nominal 4
Ω do not fall
below 3
Ω. If these measures are insufficient, a heat sink can be added to reduce θJA. The heat sink can be
created using additional copper area around the package, with connections to the ground pins, supply pin and
amplifier output pins. Refer to the TYPICAL PERFORMANCE CHARACTERISTICS curves for power dissipation
information at lower output power levels.
POWER SUPPLY VOLTAGE LIMITS
Continuous proper operation is ensured by never exceeding the voltage applied to any pin, with respect to
ground, as listed in the Absolute Maximum Ratings section.
POWER SUPPLY BYPASSING
As with any power amplifier, proper supply bypassing is critical for low noise performance and high power supply
rejection. Applications that employ a voltage regulator typically use a 10µF in parallel with a 0.1µF filter
capacitors to stabilize the regulator's output, reduce noise on the supply line, and improve the supply's transient
response. However, their presence does not eliminate the need for a local 1.0µF tantalum bypass capacitance
connected between the LM4940's supply pins and ground. Do not substitute a ceramic capacitor for the
tantalum. Doing so may cause oscillation. Keep the length of leads and traces that connect capacitors between
the LM4940's power supply pin and ground as short as possible. Connecting a 10µF capacitor, CBYPASS, between
the BYPASS pin and ground improves the internal bias voltage's stability and improves the amplifier's PSRR.
The PSRR improvements increase as the bypass pin capacitor value increases. Too large, however, increases
turn-on time and can compromise the amplifier's click and pop performance. The selection of bypass capacitor
values, especially CBYPASS, depends on desired PSRR requirements, click and pop performance (as explained in
the section, SELECTING EXTERNAL COMPONENTS), system cost, and size constraints.
MICRO-POWER SHUTDOWN
The LM4940 features an active-low shutdown mode that disables the amplifier's bias circuitry, reducing the
supply current to 40
μA (typ). Connect SHUTDOWN to a voltage between 2V to VDD/2 for normal operation.
Connect SHUTDOWN to GND to disable the device. A voltage that is greater than GND can increase shutdown
current.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM4940



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com