Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5032 Datasheet(PDF) 3 Page - Texas Instruments

Part # LM5032
Description  LM5032 High-Voltage Dual Interleaved Current Mode Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5032 Datasheet(HTML) 3 Page - Texas Instruments

  LM5032 Datasheet HTML 1Page - Texas Instruments LM5032 Datasheet HTML 2Page - Texas Instruments LM5032 Datasheet HTML 3Page - Texas Instruments LM5032 Datasheet HTML 4Page - Texas Instruments LM5032 Datasheet HTML 5Page - Texas Instruments LM5032 Datasheet HTML 6Page - Texas Instruments LM5032 Datasheet HTML 7Page - Texas Instruments LM5032 Datasheet HTML 8Page - Texas Instruments LM5032 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
4
3
2
1
5
6
7
8
VIN
COMP1
CS1
SS1
UVLO
VCC
OUT1
GND1
GND2
OUT2
RES
SS2
CS2
COMP2
DCL
RT/SYNC
9
10
11
12
13
14
15
16
LM5032
www.ti.com
SNVS344B – MARCH 2005 – REVISED DECEMBER 2014
5 Pin Configuration and Functions
PW Package
16-Pin TSSOP
Top View
Pin Functions
PIN
I/O
DESCRIPTION
APPLICATIONS INFORMATION
NO.
NAME
1
VIN
P
Input Supply
Input to the startup regulator. The operating input range is 13 V to
100 V with transient capability to 105 V.
2
COMP1
I
PWM Control, Controller 1
The COMP1 input provides voltage feedback to the PWM
comparator inverting input of Controller 1 through a 3:1 divider. The
OUT1 duty cycle increases as the COMP1 voltage increases. An
internal 5-K
Ω pull-up resistor to 5.0-V provides bias current to an
opto-coupler transistor.
3
CS1
I
Current Sense Input, Controller 1
Input for current mode control and the current limit sensing. If the
CS1 pin exceeds 0.5V the OUT1 pulse is terminated producing
cycle-by-cycle current limiting. External resistance connected to CS1
will adjust (increase) PWM slope compensation. This pin's voltage
must not exceed 1.25V.
4
SS1
I
Soft-start, Controller 1
An internal 50-µA current source charges an external capacitor to
set the soft-start rate. During a current limit restart sequence, the
internal current source is reduced to 1 µA to increase the delay
before retry. Forcing SS1 below 0.5 V shuts off Controller 1.
5
UVLO
I
VIN Under-Voltage Lockout
An external resistor divider sets the input voltage threshold to enable
the LM5032. The UVLO comparator reference voltage is 1.25 V. A
switched 20-µA current source provides adjustable UVLO hysteresis.
The UVLO pin voltage also controls the maximum duty cycle as
described in the Feature Description section.
6
VCC
P
Start-up regulator output
Output of the 7.7-V high-voltage start-up regulator. Current limit is a
minimum of 19 mA.
7
OUT1
O
Main Gate Driver, Controller 1
Gate driver output to the primary side switch for Controller 1. OUT1
swings between VCC and GND1 at a frequency equal to half the
oscillator frequency.
8
GND1
G
Ground, Controller 1
Ground connection for Controller 1 including gate driver, PWM
controller, soft-start and support functions.
9
GND2
G
Ground, Controller 2
Ground connection for Controller 2 including the gate driver, PWM
controller and soft-start.
10
OUT2
O
Main Gate Driver, Controller 2
Gate driver output to the primary side switch for Controller 2. OUT2
swings between VCC and GND2 at a frequency equal to half the
oscillator frequency.
11
RES
I
Hiccup mode restart adjust
An external capacitor sets the time delay before forced restart during
a sustained period of cycle-by-cycle current limiting. The hiccup
mode comparator threshold is 2.55 V.
Copyright © 2005–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM5032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com