Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5032 Datasheet(PDF) 10 Page - Texas Instruments

Part # LM5032
Description  LM5032 High-Voltage Dual Interleaved Current Mode Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5032 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM5032 Datasheet HTML 6Page - Texas Instruments LM5032 Datasheet HTML 7Page - Texas Instruments LM5032 Datasheet HTML 8Page - Texas Instruments LM5032 Datasheet HTML 9Page - Texas Instruments LM5032 Datasheet HTML 10Page - Texas Instruments LM5032 Datasheet HTML 11Page - Texas Instruments LM5032 Datasheet HTML 12Page - Texas Instruments LM5032 Datasheet HTML 13Page - Texas Instruments LM5032 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
LM5032
SNVS344B – MARCH 2005 – REVISED DECEMBER 2014
www.ti.com
7 Detailed Description
7.1 Overview
The LM5032 contains all the features necessary to implement two independently regulated current mode dc/dc
converters, or a single high current converter comprised of two parallel interleaved channels using the Forward
converter topology. The two controllers operate 180° out of phase from a common oscillator, thereby reducing
input ripple current. Each regulator channel contains a complete PWM controller, current sense input, soft-start
circuit, and gate driver output. Common to both channels are the startup and VCC regulator, line under-voltage
lockout, 2 MHz capable oscillator, maximum duty cycle control, and the hiccup mode fault protection circuit.
The gate driver outputs (OUT1, OUT2) are designed to drive N-channel MOSFETs. Their compound
configuration reduces the turn-off-time, thereby reducing switching losses. Additional features include thermal
shutdown, slope compensation, and the oscillator synchronization capability.
10
Submit Documentation Feedback
Copyright © 2005–2014, Texas Instruments Incorporated
Product Folder Links: LM5032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com