Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5109ASDX/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Part # LM5109ASDX/NOPB
Description  LM5109A High Voltage 1A Peak Half Bridge Gate Driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5109ASDX/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LM5109ASDX/NOPB Datasheet HTML 1Page - Texas Instruments LM5109ASDX/NOPB Datasheet HTML 2Page - Texas Instruments LM5109ASDX/NOPB Datasheet HTML 3Page - Texas Instruments LM5109ASDX/NOPB Datasheet HTML 4Page - Texas Instruments LM5109ASDX/NOPB Datasheet HTML 5Page - Texas Instruments LM5109ASDX/NOPB Datasheet HTML 6Page - Texas Instruments LM5109ASDX/NOPB Datasheet HTML 7Page - Texas Instruments LM5109ASDX/NOPB Datasheet HTML 8Page - Texas Instruments LM5109ASDX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
HI
LI
V
SS
HO
HS
LO
HB
V
DD
1
2
3
4
8
7
6
5
HI
LI
V
SS
HO
HS
LO
HB
V
DD
1
2
3
4
8
7
6
5
3
LM5109A
www.ti.com
SNVS412C – APRIL 2006 – REVISED SEPTEMBER 2016
Product Folder Links: LM5109A
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
D Package
8-Pin SOIC
Top View
NGT Package
8-Pin WSON
Top View
(1)
For WSON package it is recommended that the exposed pad on the bottom of the package be soldered to ground plane on the PCB
and the ground plane should extend out from underneath the package to improve heat dissipation.
Pin Functions
Pin #
NAME
DESCRIPTION
APPLICATION INFORMATION
SOIC
WSON(1)
1
1
VDD
Positive gate drive supply
Locally decouple to VSS using low ESR/ESL capacitor located as
close to IC as possible.
2
2
HI
High side control input
The HI input is compatible with TTL input thresholds. Unused HI input
should be tied to ground and not left open
3
3
LI
Low side control input
The LI input is compatible with TTL input thresholds. Unused LI input
should be tied to ground and not left open.
4
4
VSS
Ground reference
All signals are referenced to this ground.
5
5
LO
Low side gate driver output
Connect to the gate of the low-side N- MOS device.
6
6
HS
High side source connection
Connect to the negative terminal of the bootstrap capacitor and to the
source of the high-side N-MOS device.
7
7
HO
High side gate driver output
Connect to the gate of the high-side N-MOS device.
8
8
HB
High side gate driver positive
supply rail
Connect the positive terminal of the bootstrap capacitor to HB and
the negative terminal of the bootstrap capacitor to HS. The bootstrap
capacitor should be placed as close to IC as possible.
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under
which operation of the device is specified. Operating Ratings do not imply performance limits. For performance limits and associated test
conditions, see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
In the application the HS node is clamped by the body diode of the external lower N-MOSFET, therefore the HS voltage will generally
not exceed –1V. However in some applications, board resistance and inductance may result in the HS node exceeding this stated
voltage transiently. If negative transients occur on HS, the HS voltage must never be more negative than VDD – 15V. For example, if
VDD = 10V, the negative transients at HS must not exceed –5V.
6 Specifications
6.1 Absolute Maximum Ratings
See
(1) (2)
MIN
MAX
UNIT
VDD to VSS
–0.3
18
V
HB to HS
−0.3
18
V
LI or HI to VSS
−0.3
VDD + 0.3
V
LO to VSS
−0.3
VDD + 0.3
V
HO to VSS
VHS − 0.3
VHB + 0.3
V
HS to VSS
(3)
−5
90
V
HB to VSS
108
V
Junction Temperature
–40
150
°C
Storage Temperature Range
−55
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com