Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5109ASDX/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Part # LM5109ASDX/NOPB
Description  LM5109A High Voltage 1A Peak Half Bridge Gate Driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5109ASDX/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM5109ASDX/NOPB Datasheet HTML 3Page - Texas Instruments LM5109ASDX/NOPB Datasheet HTML 4Page - Texas Instruments LM5109ASDX/NOPB Datasheet HTML 5Page - Texas Instruments LM5109ASDX/NOPB Datasheet HTML 6Page - Texas Instruments LM5109ASDX/NOPB Datasheet HTML 7Page - Texas Instruments LM5109ASDX/NOPB Datasheet HTML 8Page - Texas Instruments LM5109ASDX/NOPB Datasheet HTML 9Page - Texas Instruments LM5109ASDX/NOPB Datasheet HTML 10Page - Texas Instruments LM5109ASDX/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
1.70
1.75
1.80
1.85
1.90
1.95
2.00
TEMPERATURE (
oC)
-40 -25 -10 5
80 95 110 125
20 35 50 65
Rising
Falling
VDD = 12V
VSS = 0V
VDD (V)
8
9
10
14
15
16
11
12
13
Rising
Falling
1.80
1.81
1.82
1.83
1.84
1.85
1.86
1.87
1.88
1.89
1.90
1.91
1.92
TEMPERATURE (
oC)
-40 -25 -10 5
80 95 110 125
20 35 50 65
6.3
6.4
6.5
6.6
6.7
6.8
6.9
7.0
VDDR
VHBR
VDDR = VDD - VSS
VHBR = VHB - VHS
0.30
0.32
0.34
0.36
0.38
0.40
0.42
0.44
0.46
0.48
0.50
TEMPERATURE (
oC)
-40 -25 -10 5
80 95 110 125
20 35 50 65
VDDH
VHBH
TEMPERATURE (°C)
-40 -25 -10 5
80 95 110 125
20 35 50 65
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
VDD = VHB = 16V
VDD = VHB = 12V
VDD = VHB = 8V
Output Current : -100 mA
VSS = VHS = 0V
0.2
0.3
0.4
0.5
0.6
TEMPERATURE (°C)
-40 -25 -10 5
80 95 110 125
20 35 50 65
VDD = VHB = 12V
VDD = VHB = 8V
Output Current : -100 mA
VSS = VHS = 0V
VDD = VHB = 16V
7
LM5109A
www.ti.com
SNVS412C – APRIL 2006 – REVISED SEPTEMBER 2016
Product Folder Links: LM5109A
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
Typical Performance Characteristics (continued)
Figure 8. LO and HO High Level Output Voltage vs
Temperature
Figure 9. LO and HO Low Level Output Voltage vs
Temperature
Figure 10. Undervoltage Rising Thresholds vs Temperature
Figure 11. Undervoltage Hysteresis vs Temperature
Figure 12. Input Thresholds vs Temperature
Figure 13. Input Thresholds vs Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com