Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5109ASDX/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # LM5109ASDX/NOPB
Description  LM5109A High Voltage 1A Peak Half Bridge Gate Driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5109ASDX/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM5109ASDX/NOPB Datasheet HTML 1Page - Texas Instruments LM5109ASDX/NOPB Datasheet HTML 2Page - Texas Instruments LM5109ASDX/NOPB Datasheet HTML 3Page - Texas Instruments LM5109ASDX/NOPB Datasheet HTML 4Page - Texas Instruments LM5109ASDX/NOPB Datasheet HTML 5Page - Texas Instruments LM5109ASDX/NOPB Datasheet HTML 6Page - Texas Instruments LM5109ASDX/NOPB Datasheet HTML 7Page - Texas Instruments LM5109ASDX/NOPB Datasheet HTML 8Page - Texas Instruments LM5109ASDX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
LM5109
VIN
VCC
VDD
HI
LI
VSS
HS
LO
HO
HB
RBoot
DBoot
LOAD
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LM5109A
SNVS412C – APRIL 2006 – REVISED SEPTEMBER 2016
LM5109A High Voltage 1A Peak Half Bridge Gate Driver
1
1 Features
1
•
Drives Both a High-Side and Low-Side N-Channel
MOSFET
•
1A peak Output Current (1.0A Sink / 1.0A Source)
•
Independent TTL Compatible Inputs
•
Bootstrap Supply Voltage to 108V DC
•
Fast Propagation Times (30 ns Typical)
•
Drives 1000 pF Load with 15ns Rise and Fall
Times
•
Excellent Propagation Delay Matching (2 ns
Typical)
•
Supply Rail Under-Voltage Lockout
•
Low Power Consumption
•
Pin Compatible with ISL6700
•
Industry Standard SOIC-8 and Thermally
Enhanced WSON-8 Package
2 Applications
•
Current Fed Push-Pull Converters
•
Half and Full Bridge Power Converters
•
Solid State Motor Drives
•
Two Switch Forward Power Converters
3 Description
The LM5109A is a cost effective, high voltage gate
driver designed to drive both the high-side and the
low-side N-Channel MOSFETs in a synchronous
buck or a half bridge configuration. The floating high-
side driver is capable of working with rail voltages up
to 90V. The outputs are independently controlled with
TTL compatible input thresholds. The robust level
shift
technology
operates
at
high
speed
while
consuming low power and providing clean level
transitions from the control input logic to the high-side
gate driver. Under-voltage lockout is provided on both
the low-side and the high-side power rails. The
device is available in the SOIC and the thermally
enhanced WSON packages.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LM5109A
SOIC (8)
4.90 mm × 3.91 mm
WSON (8)
4.00 mm × 4.00 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Simplified Application Diagram


Similar Part No. - LM5109ASDX/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5109ASDX/NOPB TI1-LM5109ASDX/NOPB Datasheet
844Kb / 18P
High Voltage 1A Peak Half Bridge Gate Driver
More results

Similar Description - LM5109ASDX/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5109 NSC-LM5109 Datasheet
657Kb / 9P
100V / 1A Peak Half Bridge Gate Driver
LM5109B NSC-LM5109B Datasheet
272Kb / 10P
High Voltage 1A Peak Half Bridge Gate Driver
LM5109A NSC-LM5109A Datasheet
663Kb / 9P
High Voltage 1A Peak Half Bridge Gate Driver
logo
Texas Instruments
LM5109AMA TI-LM5109AMA Datasheet
796Kb / 16P
LM5109A High Voltage 1A Peak Half Bridge Gate Driver
LM5109B TI-LM5109B_15 Datasheet
781Kb / 16P
LM5109B High Voltage 1A Peak Half Bridge Gate Driver
LM5109B-Q1 TI-LM5109B-Q1 Datasheet
755Kb / 22P
High Voltage 1-A Peak Half Bridge Gate Driver
LM5107 TI1-LM5107_16 Datasheet
860Kb / 20P
1.4A Peak Half Bridge Gate Driver
LM5109A TI1-LM5109A_16 Datasheet
844Kb / 18P
High Voltage 1A Peak Half Bridge Gate Driver
LM5109 TI1-LM5109 Datasheet
733Kb / 14P
100V/1A Peak Half Bridge Gate Driver
LM5109B TI1-LM5109B Datasheet
1Mb / 24P
High Voltage 1-A Peak Half-Bridge Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com