Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6554LEX/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Part # LMH6554LEX/NOPB
Description  LMH6554 2.8-GHz Ultra Linear Fully Differential Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6554LEX/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMH6554LEX/NOPB Datasheet HTML 9Page - Texas Instruments LMH6554LEX/NOPB Datasheet HTML 10Page - Texas Instruments LMH6554LEX/NOPB Datasheet HTML 11Page - Texas Instruments LMH6554LEX/NOPB Datasheet HTML 12Page - Texas Instruments LMH6554LEX/NOPB Datasheet HTML 13Page - Texas Instruments LMH6554LEX/NOPB Datasheet HTML 14Page - Texas Instruments LMH6554LEX/NOPB Datasheet HTML 15Page - Texas Instruments LMH6554LEX/NOPB Datasheet HTML 16Page - Texas Instruments LMH6554LEX/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
91:
+
-
LMH6554
V
+
V
-
VCMO
VS
91:
-
+
50:
50:
200:
200:
ADC
Up To 16-Bit
Data Converter
a
76.8:
RS = 50:
VEN
30:
VCM
0.1 PF
AC-Coupled
Source
0.1 PF
C
0.1 PF
LMH6554
www.ti.com
SNOSB30P – OCTOBER 2008 – REVISED JANUARY 2015
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The LMH6554 is a fully differential, current feedback amplifier with integrated output common mode control,
designed to provide low distortion amplification to wide bandwidth differential signals. The common mode
feedback circuit sets the output common mode voltage independent of the input common mode, as well as
forcing the V+ and V− outputs to be equal in magnitude and opposite in phase, even when only one of the inputs
is driven as in single to differential conversion.
The proprietary current feedback architecture of the LMH6554 offers gain and bandwidth independence with
exceptional gain flatness and noise performance, even at high values of gain, simply with the appropriate choice
of RF1 and RF2. Generally RF1 is set equal to RF2, and RG1 equal to RG2, so that the gain is set by the ratio RF/RG.
Matching of these resistors greatly affects CMRR, DC offset error, and output balance. A maximum of 0.1%
tolerance resistors are recommended for optimal performance, and the amplifier is internally compensated to
operate with optimum gain flatness with RF value of 200 Ω depending on PCB layout, and load resistance.
The output common mode voltage is set by the VCM pin with a fixed gain of 1 V/V. This pin should be driven by a
low impedance reference and should be bypassed to ground with a 0.1-µF ceramic capacitor. Any unwanted
signal coupling into the VCM pin will be passed along to the outputs, reducing the performance of the amplifier.
The LMH6554 can be configured to operate on a single 5-V supply connected to V+ with V- grounded or
configured for a split supply operation with V+ = +2.5 V and V− =
−2.5 V. Operation on a single 5-V supply,
depending on gain, is limited by the input common mode range; therefore, AC coupling may be required. Split
supplies will allow much less restricted AC and DC coupled operation with optimum distortion performance.
9.2 Typical Applications
9.2.1 Single-Ended Input to Differential Output Operation
Figure 25. Single-Ended Input to Differential Output Schematic
9.2.1.1 Design Requirements
One typical application for the LMH6554 is to drive an ADC as shown in Figure 25. The following design is a
single-ended to differential circuit with an input impedance of 50
Ω and an output impedance of 100 Ω. The VCM
voltage of the amplifier needs to be set to the same voltage as the ADC reference voltage, which is typically 1.2
V. Figure 27 shows the design equations required to set the external resistor values. This design also requires a
gain of 2 and -96 dBc THD at 75 MHz.
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LMH6554



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com