Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6554LEX/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Part # LMH6554LEX/NOPB
Description  LMH6554 2.8-GHz Ultra Linear Fully Differential Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6554LEX/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button LMH6554LEX/NOPB Datasheet HTML 17Page - Texas Instruments LMH6554LEX/NOPB Datasheet HTML 18Page - Texas Instruments LMH6554LEX/NOPB Datasheet HTML 19Page - Texas Instruments LMH6554LEX/NOPB Datasheet HTML 20Page - Texas Instruments LMH6554LEX/NOPB Datasheet HTML 21Page - Texas Instruments LMH6554LEX/NOPB Datasheet HTML 22Page - Texas Instruments LMH6554LEX/NOPB Datasheet HTML 23Page - Texas Instruments LMH6554LEX/NOPB Datasheet HTML 24Page - Texas Instruments LMH6554LEX/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
LMH6554
www.ti.com
SNOSB30P – OCTOBER 2008 – REVISED JANUARY 2015
11 Layout
11.1 Layout Guidelines
The LMH6554 is a high speed, high performance amplifier. In order to get maximum benefit from the differential
circuit architecture board layout and component selection is very critical. The circuit board should have a low
inductance ground plane and well bypassed broad supply lines. External components should be leadless surface
mount types. The feedback network and output matching resistors should be composed of short traces and
precision resistors (0.1%). The output matching resistors should be placed within 3 or 4 mm of the amplifier as
should the supply bypass capacitors. Refer to Power Supply Bypassing for recommendations on bypass circuit
layout. Evaluation boards are available through the product folder on ti.com.
By design, the LMH6554 is relatively insensitive to parasitic capacitance at its inputs. Nonetheless, ground and
power plane metal should be removed from beneath the amplifier and from beneath RF and RG for best
performance at high frequency.
With any differential signal path, symmetry is very important. Even small amounts of asymmetry can contribute to
distortion and balance errors.
11.2 Layout Example
Figure 38. Layout Schematic
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LMH6554



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com