Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6554LEX/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Part # LMH6554LEX/NOPB
Description  LMH6554 2.8-GHz Ultra Linear Fully Differential Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6554LEX/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LMH6554LEX/NOPB Datasheet HTML 1Page - Texas Instruments LMH6554LEX/NOPB Datasheet HTML 2Page - Texas Instruments LMH6554LEX/NOPB Datasheet HTML 3Page - Texas Instruments LMH6554LEX/NOPB Datasheet HTML 4Page - Texas Instruments LMH6554LEX/NOPB Datasheet HTML 5Page - Texas Instruments LMH6554LEX/NOPB Datasheet HTML 6Page - Texas Instruments LMH6554LEX/NOPB Datasheet HTML 7Page - Texas Instruments LMH6554LEX/NOPB Datasheet HTML 8Page - Texas Instruments LMH6554LEX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
LMH6554
SNOSB30P – OCTOBER 2008 – REVISED JANUARY 2015
www.ti.com
Table of Contents
1
Features .................................................................. 1
9
Application and Implementation ........................ 13
9.1
Application Information............................................ 13
2
Applications ........................................................... 1
9.2
Typical Applications ................................................ 13
3
Description ............................................................. 1
10
Power Supply Recommendations ..................... 20
4
Typical Application Schematic ............................. 1
10.1
Power Supply Bypassing ...................................... 20
5
Revision History..................................................... 2
11
Layout................................................................... 21
6
Pin Configuration and Functions ......................... 3
11.1
Layout Guidelines ................................................. 21
7
Specifications......................................................... 4
11.2
Layout Example .................................................... 21
7.1
Absolute Maximum Ratings ..................................... 4
11.3
Power Dissipation ................................................. 22
7.2
ESD Ratings.............................................................. 4
11.4
ESD Protection...................................................... 22
7.3
Recommended Operating Conditions ....................... 4
12
Device and Documentation Support ................. 23
7.4
Thermal Information .................................................. 4
12.1
Device Support...................................................... 23
7.5
Electrical Characteristics: +5 V ................................. 5
12.2
Documentation Support ........................................ 23
7.6
Typical Performance Characteristics VS = ±2.5 V .... 7
12.3
Trademarks ........................................................... 23
8
Detailed Description ............................................ 11
12.4
Electrostatic Discharge Caution ............................ 23
8.1
Overview ................................................................. 11
12.5
Glossary ................................................................ 23
8.2
Functional Block Diagram ....................................... 11
13
Mechanical, Packaging, and Orderable
8.3
Feature Description................................................. 11
Information ........................................................... 23
8.4
Device Functional Modes........................................ 12
5 Revision History
Changes from Revision O (March 2013) to Revision P
Page
•
Added ESD Ratings table, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section .................................................................................................. 1
Changes from Revision N (March 2013) to Revision O
Page
•
Changed layout of National Data Sheet to TI format ........................................................................................................... 23
2
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: LMH6554



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com