Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6653-125EBZ Datasheet(PDF) 53 Page - Analog Devices

Part # AD6653-125EBZ
Description  IF Diversity Receiver
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6653-125EBZ Datasheet(HTML) 53 Page - Analog Devices

Back Button AD6653-125EBZ Datasheet HTML 49Page - Analog Devices AD6653-125EBZ Datasheet HTML 50Page - Analog Devices AD6653-125EBZ Datasheet HTML 51Page - Analog Devices AD6653-125EBZ Datasheet HTML 52Page - Analog Devices AD6653-125EBZ Datasheet HTML 53Page - Analog Devices AD6653-125EBZ Datasheet HTML 54Page - Analog Devices AD6653-125EBZ Datasheet HTML 55Page - Analog Devices AD6653-125EBZ Datasheet HTML 56Page - Analog Devices AD6653-125EBZ Datasheet HTML 57Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 80 page
background image
AD6653
Rev. 0 | Page 53 of 80
APPLICATIONS INFORMATION
DESIGN GUIDELINES
Before starting system-level design and layout of the AD6653,
it is recommended that the designer become familiar with these
guidelines, which discuss the special circuit connections and
layout requirements needed for certain pins.
Power and Ground Recommendations
When connecting power to the AD6653, it is recommended
that two separate 1.8 V supplies be used: one supply should be
used for analog (AVDD) and digital (DVDD), and a separate
supply should be used for the digital outputs (DRVDD). The
AVDD and DVDD supplies, while derived from the same source,
should be isolated with a ferrite bead or filter choke and separate
decoupling capacitors. The designer can employ several different
decoupling capacitors to cover both high and low frequencies.
These capacitors should be located close to the point of entry
at the PC board level and close to the pins of the part with
minimal trace length.
A single PCB ground plane should be sufficient when using the
AD6653. With proper decoupling and smart partitioning of the
PCB analog, digital, and clock sections, optimum performance
is easily achieved.
fS/2 Spurious
Because the AD6653 output data rate is at one-half the sampling
frequency, there is significant fS/2 energy in the outputs of the
part. If this fS/2 spur falls in band, care must be taken to ensure
that this fS/2 energy does not couple into either the clock circuit
or the analog inputs of the AD6653. When fS/2 energy is coupled
in this fashion, it appears as a spurious tone reflected around fS/4,
3fS/4, 5fS/4, and so on. For example, in a 125 MSPS sampling
application with a 90 MHz single-tone analog input, this energy
generates a tone at 97.5 MHz. In this example, the center of the
Nyquist zone is 93.75 MHz; therefore, the 90 MHz input signal is
3.75 MHz from the center of the Nyquist zone. As a result, the fS/2
spurious tone appears at 97.5 MHz, or 3.75 MHz above the center
of the Nyquist zone. These frequencies are then tuned by the NCOs
before being output by the AD6653.
Depending on the relationship of the IF frequency to the center
of the Nyquist zone, this spurious tone may or may not exist in the
AD6653 output band. Some residual fS/2 energy is present in
the AD6653, and the level of this spur is typically below the
level of the harmonics at clock rates of 125 MSPS and below.
Figure 80 shows a plot of the fS/2 spur level vs. analog input
frequency for the AD6653-125. At sampling rates above
125 MSPS, the fS/2 spur level increases and is at a higher level
than the worst harmonic as shown in Figure 81, which shows
the AD6653-150 fS/2 levels.
For the specifications provided in Table 2, the fS/2 spur, if in
band, is excluded from the SNR values. It is treated as a
harmonic, in terms of SNR. The fS/2 level is included in the
SFDR and worst other specifications.
–60
–70
–80
–90
–100
–110
–120
0
50
100
150
200
250
350
300
400
450
500
INPUT FREQUENCY (MHz)
fS/2 SPUR
–SFDR
Figure 80. AD6653-125 SFDR and fS/2 Spurious Level vs. Input Frequency (fIN)
with DRVDD = 1.8 V Parallel CMOS Output Mode
–60
–70
–80
–90
–100
–110
–120
0
50
100
150
200
250
350
300
400
450
500
INPUT FREQUENCY (MHz)
–SFDR
fS/2 SPUR
Figure 81. AD6653-150 SFDR and fS/2 Spurious Level vs. Input Frequency (fIN)
with DRVDD = 1.8 V Parallel CMOS Output Mode
Operating the part with a 1.8 V DRVDD voltage rather than 3.3 V
DRVDD lowers the fS/2 spur. In addition, using LVDS, CMOS
interleaved, or CMOS IQ output modes also reduces the fS/2
spurious level.
LVDS Operation
The AD6653 defaults to CMOS output mode on power-up.
If LVDS operation is desired, this mode must be programmed
using the SPI configuration registers after power-up. When the
AD6653 powers up in CMOS mode with LVDS termination
resistors (100 Ω) on the outputs, the DRVDD current can be
higher than the typical value until the part is placed in LVDS
mode. This additional DRVDD current does not cause damage
to the AD6653, but it should be taken into account when consid-
ering the maximum DRVDD current for the part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com