Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6653-125EBZ Datasheet(PDF) 25 Page - Analog Devices

Part # AD6653-125EBZ
Description  IF Diversity Receiver
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6653-125EBZ Datasheet(HTML) 25 Page - Analog Devices

Back Button AD6653-125EBZ Datasheet HTML 21Page - Analog Devices AD6653-125EBZ Datasheet HTML 22Page - Analog Devices AD6653-125EBZ Datasheet HTML 23Page - Analog Devices AD6653-125EBZ Datasheet HTML 24Page - Analog Devices AD6653-125EBZ Datasheet HTML 25Page - Analog Devices AD6653-125EBZ Datasheet HTML 26Page - Analog Devices AD6653-125EBZ Datasheet HTML 27Page - Analog Devices AD6653-125EBZ Datasheet HTML 28Page - Analog Devices AD6653-125EBZ Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 80 page
background image
AD6653
Rev. 0 | Page 25 of 80
Differential Input Configurations
Optimum performance is achieved while driving the AD6653 in a
differential input configuration. For baseband applications, the
AD8138, ADA4937-2, and ADA4938-2 differential drivers provide
excellent performance and a flexible interface to the ADC. The
output common-mode voltage of the AD8138 is easily set with
the CML pin of the AD6653 (see Figure 47), and the driver can
be configured in a Sallen-Key filter topology to provide band
limiting of the input signal.
AVDD
1V p-p
49.9Ω
523Ω
0.1µF
R
R
C
499Ω
499Ω
499Ω
AD8138
AD6653
VIN+
VIN–
CML
Figure 47. Differential Input Configuration Using the AD8138
For baseband applications where SNR is a key parameter,
differential transformer coupling is the recommended input
configuration. An example is shown in Figure 48. To bias the
analog input, the CML voltage can be connected to the center
tap of the secondary winding of the transformer.
2V p-p
49.9Ω
0.1µF
R
R
C
AD6653
VIN+
VIN–
CML
Figure 48. Differential Transformer-Coupled Configuration
The signal characteristics must be considered when selecting
a transformer. Most RF transformers saturate at frequencies
below a few megahertz (MHz). Excessive signal power can also
cause core saturation, which leads to distortion.
At input frequencies in the second Nyquist zone and above, the
noise performance of most amplifiers is not adequate to achieve
the true SNR performance of the AD6653. For applications where
SNR is a key parameter, differential double balun coupling is
the recommended input configuration (see Figure 49).
An alternative to using a transformer coupled input at frequencies
in the second Nyquist zone is to use the AD8352 differential
driver, as shown in Figure 50. See the AD8352 data sheet for
more information. In addition, if the application requires an
amplifier with variable gain, the AD8375 or AD8376 digital
variable gain amplifiers (DVGAs) provide good performance
driving the AD6653.
In any configuration, the value of the shunt capacitor, C, is
dependent on the input frequency and source impedance and
may need to be reduced or removed. Table 10 displays
recommended values to set the RC network. However, these
values are dependent on the input signal and should be used
only as a starting guide.
Table 10. Example RC Network
Frequency Range (MHz)
R Series
(Ω Each)
C Differential (pF)
0 to 70
33
15
70 to 200
33
5
200 to 300
15
5
>300
15
Open
AD6653
R
0.1µF
0.1µF
2V p-p
VIN+
VIN–
CML
C
R
0.1µF
S
0.1µF
25Ω
25Ω
S
PA
P
Figure 49. Differential Double Balun Input Configuration
AD6653
AD8352
0Ω
R
0Ω
CD
RD
RG
0.1µF
0.1µF
0.1µF
VIN+
VIN–
CML
C
0.1µF
16
1
2
3
4
5
11
R
0.1µF
0.1µF
10
14
0.1µF
8, 13
VCC
200Ω
200Ω
ANALOG INPUT
ANALOG INPUT
Figure 50. Differential Input Configuration Using the AD8352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com