Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6653-125EBZ Datasheet(PDF) 26 Page - Analog Devices

Part # AD6653-125EBZ
Description  IF Diversity Receiver
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6653-125EBZ Datasheet(HTML) 26 Page - Analog Devices

Back Button AD6653-125EBZ Datasheet HTML 22Page - Analog Devices AD6653-125EBZ Datasheet HTML 23Page - Analog Devices AD6653-125EBZ Datasheet HTML 24Page - Analog Devices AD6653-125EBZ Datasheet HTML 25Page - Analog Devices AD6653-125EBZ Datasheet HTML 26Page - Analog Devices AD6653-125EBZ Datasheet HTML 27Page - Analog Devices AD6653-125EBZ Datasheet HTML 28Page - Analog Devices AD6653-125EBZ Datasheet HTML 29Page - Analog Devices AD6653-125EBZ Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 80 page
background image
AD6653
Rev. 0 | Page 26 of 80
Single-Ended Input Configuration
A single-ended input can provide adequate performance in
cost-sensitive applications. In this configuration, SFDR and
distortion performance degrade due to the large input common-
mode swing. If the source impedances on each input are matched,
there should be little effect on SNR performance. Figure 51 shows
a typical single-ended input configuration.
2V p-p
R
R
C
49.9Ω
0.1µF
10µF
10µF
0.1µF
AVDD
1kΩ
1kΩ
1kΩ
1kΩ
AD6653
AVDD
VIN+
VIN–
Figure 51. Single-Ended Input Configuration
VOLTAGE REFERENCE
A stable and accurate voltage reference is built into the AD6653.
The input range can be adjusted by varying the reference voltage
applied to the AD6653, using either the internal reference or an
externally applied reference voltage. The input span of the ADC
tracks reference voltage changes linearly. The various reference
modes are summarized in the sections that follow. The Reference
Decoupling section describes the best practices PCB layout of
the reference.
Internal Reference Connection
A comparator within the AD6653 detects the potential at the
SENSE pin and configures the reference into four possible modes,
which are summarized in Table 11. If SENSE is grounded, the
reference amplifier switch is connected to the internal resistor
divider (see Figure 52), setting VREF to 1.0 V. Connecting the
SENSE pin to VREF switches the reference amplifier output to
the SENSE pin, completing the loop and providing a 0.5 V
reference output.
VREF
SENSE
0.5V
AD6653
SELECT
LOGIC
0.1µF
1.0µF
VIN–A/VIN–B
VIN+A/VIN+B
ADC
CORE
Figure 52. Internal Reference Configuration
If a resistor divider is connected externally to the chip, as shown
in Figure 53, the switch again sets to the SENSE pin. This puts
the reference amplifier in a noninverting mode with the VREF
output defined as follows:
⎟
⎠
⎞
⎜
⎝
⎛ +
×
=
R1
R2
.
VREF
1
5
0
The input range of the ADC always equals twice the voltage at
the reference pin for either an internal or an external reference.
0.5V
AD6653
SELECT
LOGIC
VIN–A/VIN–B
VIN+A/VIN+B
ADC
CORE
VREF
SENSE
0.1µF
1.0µF
R2
R1
Figure 53. Programmable Reference Configuration
Table 11. Reference Configuration Summary
Selected Mode
SENSE Voltage
Resulting VREF (V)
Resulting Differential Span (V p-p)
External Reference
AVDD
N/A
2 × external reference
Internal Fixed Reference
VREF
0.5
1.0
Programmable Reference
0.2 V to VREF
⎟
⎠
⎞
⎜
⎝
⎛ +
×
R1
R2
1
5
.
0
(see Figure 53)
2 × VREF
Internal Fixed Reference
AGND to 0.2 V
1.0
2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com