Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP5996 Datasheet(PDF) 6 Page - Texas Instruments

Part # LP5996
Description  LP5996 Dual Linear Regulator with 300mA and 150mA Outputs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5996 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP5996 Datasheet HTML 2Page - Texas Instruments LP5996 Datasheet HTML 3Page - Texas Instruments LP5996 Datasheet HTML 4Page - Texas Instruments LP5996 Datasheet HTML 5Page - Texas Instruments LP5996 Datasheet HTML 6Page - Texas Instruments LP5996 Datasheet HTML 7Page - Texas Instruments LP5996 Datasheet HTML 8Page - Texas Instruments LP5996 Datasheet HTML 9Page - Texas Instruments LP5996 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
LP5996
SNVS415C – NOVEMBER 2006 – REVISED MAY 2013
www.ti.com
Typical Performance Characteristics.
Unless otherwise specified, CIN = 1.0µF Ceramic, COUT1 = COUT2 = 1.0µF Ceramic, CBYP = 10nF, VIN = VOUT2(NOM) + 1.0V, TA =
25°C, VOUT1(NOM) = 3.3V, VOUT2(NOM) = 3.3V, Enable pins are tied to VIN.
Output Voltage Change vs Temperature
Ground Current vs Load Current,LDO1
Figure 2.
Figure 3.
Ground Current vs Load Current, LDO2
Ground Current vs VIN, ILOAD = 1mA
Figure 4.
Figure 5.
Dropout Voltage vs ILOAD, LDO1
Dropout Voltage vs ILOAD, LDO2
Figure 6.
Figure 7.
6
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LP5996



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com