Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP5996 Datasheet(PDF) 1 Page - Texas Instruments

Part # LP5996
Description  LP5996 Dual Linear Regulator with 300mA and 150mA Outputs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5996 Datasheet(HTML) 1 Page - Texas Instruments

  LP5996 Datasheet HTML 1Page - Texas Instruments LP5996 Datasheet HTML 2Page - Texas Instruments LP5996 Datasheet HTML 3Page - Texas Instruments LP5996 Datasheet HTML 4Page - Texas Instruments LP5996 Datasheet HTML 5Page - Texas Instruments LP5996 Datasheet HTML 6Page - Texas Instruments LP5996 Datasheet HTML 7Page - Texas Instruments LP5996 Datasheet HTML 8Page - Texas Instruments LP5996 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LP5996
VIN
EN1
EN2
CBYP
VOUT1
VOUT2
1 PF
1
PF
1 PF
VIN
EN1
EN2
VOUT1
VOUT2
GND
10 nF
1
2
3
4
6
10
9
LP5996
www.ti.com
SNVS415C – NOVEMBER 2006 – REVISED MAY 2013
LP5996 Dual Linear Regulator with 300mA and 150mA Outputs
Check for Samples: LP5996
1
FEATURES
PACKAGE
2
•
2 LDO Outputs with Independent Enable
•
All available in Lead Free option.
•
1.5% Accuracy at Room Temperature, 3% over
•
10 pin SON 3mm x 3mm
Temperature
For other package options contact your Texas Instruments sales
office.
•
Thermal Shutdown Protection
•
Stable with Ceramic Capacitors
DESCRIPTION
The LP5996 is a dual low dropout regulator. The first
APPLICATIONS
regulator can source 150mA, while the second is
•
Cellular Handsets
capable of sourcing 300mA.
•
PDA's
The LP5996 provides 1.5% accuracy requiring an
•
Wireless Network Adaptors
ultra low quiescent current of 35µA. Separate enable
pins allow each output of the LP5996 to be shut
down, drawing virtually zero current.
KEY SPECIFICATIONS
•
Input Voltage Range, 2.0V to 6.0V
The LP5996 is designed to be stable with small
footprint ceramic capacitors down to 1µF.
•
Low Dropout Voltage at 300mA, 210mV
The LP5996 is available in fixed output voltages and
•
Ultra-Low IQ (Enabled), 35µA
comes in a 10 pin, 3mm x 3mm package.
•
Virtually Zero IQ (Disabled), <10nA
Typical Application Circuit
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LP5996

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP5996 NSC-LP5996 Datasheet
870Kb / 14P
Dual Linear Regulator with 300mA and 150mA Outputs
logo
Texas Instruments
LP5996 TI1-LP5996 Datasheet
1Mb / 20P
Dual Linear Regulator with 300mA and 150mA Outputs
LP5996 TI-LP5996 Datasheet
1Mb / 18P
Dual Linear Regulator with 300mA and 150mA Outputs
logo
National Semiconductor ...
LP5996SD-0833 NSC-LP5996SD-0833 Datasheet
870Kb / 14P
Dual Linear Regulator with 300mA and 150mA Outputs
logo
Texas Instruments
LP5996SD-1018/NOPB TI-LP5996SD-1018/NOPB Datasheet
1Mb / 18P
Dual Linear Regulator with 300mA and 150mA Outputs
More results

Similar Description - LP5996

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3242 ANALOGICTECH-AAT3242 Datasheet
512Kb / 16P
300mA/150mA Dual CMOS LDO Linear Regulator
logo
National Semiconductor ...
LP3996 NSC-LP3996 Datasheet
1,006Kb / 16P
Dual Linear Regulator with 300mA and 150mA Outputs and Power-On-Reset
LP5996 NSC-LP5996 Datasheet
870Kb / 14P
Dual Linear Regulator with 300mA and 150mA Outputs
logo
Advanced Analog Technol...
AAT3242 AAT-AAT3242 Datasheet
265Kb / 16P
300mA/150mA Dual CMOS LDO Linear Regulator
3242.2006.04.1.10
logo
Advanced Analogic Techn...
AAT3242 ANALOGICTECH-AAT3242_08 Datasheet
1Mb / 15P
300mA/150mA Dual CMOS LDO Linear Regulator
logo
Silicon Standard Corp.
SS6721G SSC-SS6721G Datasheet
448Kb / 7P
150mA/300mA Low Dropout Linear Regulator with 1% Output Accuracy
logo
Texas Instruments
LP3996 TI1-LP3996_14 Datasheet
1Mb / 26P
Dual Linear Regulator with 300mA and 150mA Outputs and Power-On-Reset
LP5996 TI1-LP5996 Datasheet
1Mb / 20P
Dual Linear Regulator with 300mA and 150mA Outputs
LP5996 TI-LP5996_15 Datasheet
1Mb / 18P
Dual Linear Regulator with 300mA and 150mA Outputs
logo
Diodes Incorporated
AP7201 DIODES-AP7201 Datasheet
630Kb / 13P
DUAL 150mA LOW DROPOUT LINEAR REGULATOR
Rev 13.2.2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com