Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP5996 Datasheet(PDF) 7 Page - Texas Instruments

Part # LP5996
Description  LP5996 Dual Linear Regulator with 300mA and 150mA Outputs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5996 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LP5996 Datasheet HTML 3Page - Texas Instruments LP5996 Datasheet HTML 4Page - Texas Instruments LP5996 Datasheet HTML 5Page - Texas Instruments LP5996 Datasheet HTML 6Page - Texas Instruments LP5996 Datasheet HTML 7Page - Texas Instruments LP5996 Datasheet HTML 8Page - Texas Instruments LP5996 Datasheet HTML 9Page - Texas Instruments LP5996 Datasheet HTML 10Page - Texas Instruments LP5996 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
LP5996
www.ti.com
SNVS415C – NOVEMBER 2006 – REVISED MAY 2013
Typical Performance Characteristics. (continued)
Unless otherwise specified, CIN = 1.0µF Ceramic, COUT1 = COUT2 = 1.0µF Ceramic, CBYP = 10nF, VIN = VOUT2(NOM) + 1.0V, TA =
25°C, VOUT1(NOM) = 3.3V, VOUT2(NOM) = 3.3V, Enable pins are tied to VIN.
Line Transient, CBYP = 10nF
Line Transient, CBYP = 0
Figure 8.
Figure 9.
Load Transient, LDO1
Load Transient, LDO2
Figure 10.
Figure 11.
Noise Density, LDO1
Noise Density, LDO2
Figure 12.
Figure 13.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LP5996



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com