Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8754 Datasheet(PDF) 22 Page - Texas Instruments

Part # LP8754
Description  LP8754 Multi-Phase Six-Core Step-Down Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP8754 Datasheet(HTML) 22 Page - Texas Instruments

Back Button LP8754 Datasheet HTML 18Page - Texas Instruments LP8754 Datasheet HTML 19Page - Texas Instruments LP8754 Datasheet HTML 20Page - Texas Instruments LP8754 Datasheet HTML 21Page - Texas Instruments LP8754 Datasheet HTML 22Page - Texas Instruments LP8754 Datasheet HTML 23Page - Texas Instruments LP8754 Datasheet HTML 24Page - Texas Instruments LP8754 Datasheet HTML 25Page - Texas Instruments LP8754 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 52 page
background image
Time
VOUT
tMASK, RAMP
tMASK, START
LP8754
SNVS861A – FEBRUARY 2014 – REVISED AUGUST 2014
www.ti.com
7.3.4 Diagnosis and Protection Features
The LP8754 is capable of providing two levels of protection features: warnings for diagnosis and faults which are
causing the converters to shut down. When the device detects warning or fault conditions, the LP8754 sets the
flag bits indicating which fault or warning conditions have occurred; the INT pin will be pulled low. INT will be
released again after a clear of flags is complete. The flag bits are persistent over reset to allow for the system to
identify what was causing the interrupt and/or converter shutdown.
Also, the LP8754 has a soft-start circuit that limits in-rush current during start-up. The output voltage increase
rate is 30 mV/µs (default) during soft-start.
Table 3. Summary of Exceptions and Interrupt Signals
EVENT
REGISTER.BIT
INTERRUPT SIGNAL
INT MASK AVAILABLE?
PRODUCED?
SCP triggered
FLAGS_1.SCP
Yes
Yes
Not PowerGood
FLAGS_0.nPG_B0
Yes
Yes
TEMP status change
FLAGS_0.TEMP[1:0]
On any temperature change
Yes
except for the case when
TEMP[1:0] = 0b11
Thermal warning
FLAGS_1.T_WARNING
Yes
Yes
Thermal shutdown
FLAGS_1.THSD
Yes
No
OVP triggered
FLAGS_1.OVP
Yes
Yes
Load current measurement
FLAGS_1.I_LOAD_READY
Yes
Yes
ready
UVLO triggered
FLAGS_1.UVLO
Yes
Yes
7.3.4.1 Warnings for Diagnosis (No Power Down)
7.3.4.1.1
Short-Circuit Protection (SCP)
A short-circuit protection feature allows the LP8754 to protect itself and external components during overload
conditions. The output short-circuit fault threshold is 400 mV (typ.) .
7.3.4.1.2
Power Good Monitoring
When the converter's feedback-pin voltage falls lower than 90% (typ.) of the set voltage, the FLAGS_0.nPG_B0
flag is set. To prevent a false alarm, the power good circuit is masked during converter start-up and voltage
transitions. The duration of the power good mask is set to 400 µs for converter start-up. For voltage ramps the
masking time is extended by an internal logic circuit up to 6.4 ms. (See Protection Features Characteristics.)
Masking time for start-up is constant 400 µs (typ.). Masking time for voltage transitions depends on the selected ramp
rates.
Figure 16. Power Good Masking Principle
7.3.4.1.3
Thermal Warnings
Prior to the thermal shutdown, thermal warnings are set. The first warning is set at 85°C (INT pin low), and the
second at 120°C (INT pin pulled low and FLAGS_1.T_WARNING flag set). If the chip temperature crosses any of
the thresholds of 85°C, 120°C, or 150°C (see FLAGS_0 register) the INT pin will be triggered. INT will be cleared
upon read of FLAGS_0.TEMP[1:0] bits except if FLAGS_0.TEMP [1:0] = 0b11, which is a thermal fault event.
22
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: LP8754



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com