Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8754 Datasheet(PDF) 9 Page - Texas Instruments

Part # LP8754
Description  LP8754 Multi-Phase Six-Core Step-Down Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP8754 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LP8754 Datasheet HTML 5Page - Texas Instruments LP8754 Datasheet HTML 6Page - Texas Instruments LP8754 Datasheet HTML 7Page - Texas Instruments LP8754 Datasheet HTML 8Page - Texas Instruments LP8754 Datasheet HTML 9Page - Texas Instruments LP8754 Datasheet HTML 10Page - Texas Instruments LP8754 Datasheet HTML 11Page - Texas Instruments LP8754 Datasheet HTML 12Page - Texas Instruments LP8754 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
LP8754
www.ti.com
SNVS861A – FEBRUARY 2014 – REVISED AUGUST 2014
6-Phase Buck System Characteristics (continued)
Limits apply over the full ambient temperature range -40°C
≤ TA ≤ 85°C, VVDDA5V = VVINBXX = 3.7 V, VVIOSYS = VNRST = 1.8 V,
VOUT = 1.1 V, (unless otherwise noted).
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Average output current, Programmable via control
register, VOUT = 1.1 V
(2)
PFM_ENTRY_B0[2:0] = 000
100
PWM-to-PFM switchover current
PFM_ENTRY_B0[2:0] = 001
125
IPWM–PFM
mA
threshold
PFM_ENTRY_B0[2:0] = 010
150
PFM_ENTRY_B0[2:0] = 011
175
PFM_ENTRY_B0[2:0] = 100
225
ADD_PH_B0[2:0] = 010
500
ADD_PH_B0[2:0] = 011
600
ADD_PH_B0[2:0] = 100
700
IADD
Phase adding level
mA
ADD_PH_B0[2:0] = 101
800
ADD_PH_B0[2:0] = 110
900
ADD_PH_B0[2:0] = 111
1000
SHED_PH_B0[2:0] = 000
300
SHED_PH_B0[2:0] = 001
400
SHED_PH_B0[2:0] = 010
500
ISHED
Phase shedding level
mA
SHED_PH_B0[2:0] = 011
600
SHED_PH_B0[2:0] = 100
700
SHED_PH_B0[2:0] = 101
800
2.5 V
≤ VVINBXX ≤ 5 V
Line Regulation
0.05
%/V
ILOAD = 1 A, forced PWM
Load regulation in PWM mode of
100 mA
≤ ILOAD ≤ 10 A, Differential sensing
0.2
%/A
operation
enabled
AUTO (no Low-Power PFM) mode, IOUT 0.5 mA →
±30
mV
500 mA
→ 0.5 mA, 100 ns load step
ΔVOUT
PWM mode, IOUT 0.6 A → 2 A → 0.6 A, 400-ns
Transient load step response
±20
mV
load step
PWM mode, IOUT 1 A → 8 A → 1 A, 400-ns load
±60
mV
step
VVINBXX stepping 3.3 V <—> 3.8 V, tr = tf = 10 µs,
Transient line response
±15
mV
IOUT = 2000 mA DC
DC load each phase
1670
IOUT
Output current
mA
Six phases combined(3)
10000
Effective capacitance during operation, VOUT = 0.6
COUT
Output capacitance(4)
30
50
µF
V to 1.67 V, Min value over TA –40°C to 85°C
(3)
The power switches in the LP8754 are designed to operate continuously with currents up to the switch current limit thresholds. However,
when continuously operating at high current levels there will be significant heat generated within the IC and thus sustained total DC
current which the device can support is typically limited by thermal constraints. Thermal issues will become extremely important when
designing PCB and the thermal environment of the LP8754. PCB with high thermal efficiency is required to ensure the junction
temperature is kept below 125°C. Completing thermal analyses in early stages of the product design process is highly recommended to
predict thermal performance at board level. Under high current load conditions the serial bus master device must monitor the
temperature of the converter using the Thermal warning feature, see Protection Features Characteristics. If the 2nd thermal warning is
triggered at 120°C, the application must quickly decrease the load current to keep the converter within its recommended operating
temperature.
(4)
Low-ESR Surface-Mount Ceramic Capacitors (MLCCs) used in setting electrical characteristics. The performance of the LP8754 device
depends greatly on the care taken in designing the Printed Circuit Board (PCB). The use of low inductance and low serial resistance
ceramic capacitors is strongly recommended, while proper grounding is crucial. Attention should be given to decoupling the power
supplies. Decoupling capacitors must be connected close to the IC and between the power and ground pins to support high peak
currents being drawn from System Power Rail during turn-on of the switching MOSFETs. Keep input and output traces as short as
possible, because trace inductance, resistance and capacitance can easily become the performance limiting items.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LP8754



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com