Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8754 Datasheet(PDF) 31 Page - Texas Instruments

Part # LP8754
Description  LP8754 Multi-Phase Six-Core Step-Down Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP8754 Datasheet(HTML) 31 Page - Texas Instruments

Back Button LP8754 Datasheet HTML 27Page - Texas Instruments LP8754 Datasheet HTML 28Page - Texas Instruments LP8754 Datasheet HTML 29Page - Texas Instruments LP8754 Datasheet HTML 30Page - Texas Instruments LP8754 Datasheet HTML 31Page - Texas Instruments LP8754 Datasheet HTML 32Page - Texas Instruments LP8754 Datasheet HTML 33Page - Texas Instruments LP8754 Datasheet HTML 34Page - Texas Instruments LP8754 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 52 page
background image
LP8754
www.ti.com
SNVS861A – FEBRUARY 2014 – REVISED AUGUST 2014
7.6.8 BUCK4_CTRL
Address: 0x0B
D7
D6
D5
D4
D3
D2
D1
D0
OC_LEV_B4[1:0]
Reserved
Bits
Field
Type
Default
Description
7:6
OC_LEV_B4[1:0]
R/W
10
Inductor positive current limit on Buck 4. Note that OC_LEV_B0...B5 should have the
same value.
00 = 1.5 A
01 = 2.0 A
10 = 2.5 A
11 = 3.0 A
5:0
Reserved
R/W
01 0001
7.6.9 BUCK5_CTRL
Address: 0x0C
D7
D6
D5
D4
D3
D2
D1
D0
OC_LEV_B5[1:0]
Reserved
Bits
Field
Type
Default
Description
7:6
OC_LEV_B5[1:0]
R/W
10
Inductor positive current limit on Buck 5. Note that OC_LEV_B0...B5 should have the
same value.
00 = 1.5 A
01 = 2.0 A
10 = 2.5 A
11 = 3.0 A
5:0
Reserved
R/W
01 0001
7.6.10 FLAGS_0
Address: 0x0D
D7
D6
D5
D4
D3
D2
D1
D0
Reserved
nPG_B0
TEMP[1:0]
Bits
Field
Type
Default
Description
7:3
Reserved
R/W
X XXXX
2
nPG_B0
R/W
0
Flag Bit (1)
Power good fault flag for VOUT rail
1 = Power fault detected
0 = Power good
1:0
TEMP[1:0]
R
00
indicates the die temperature as follows:
00: die temperature lower than 85ºC
01: 85ºC
≤ die temperature < 120ºC
10: 120ºC
≤ die temperature < 150ºC
11: die temperature 150ºC or higher
(1)
The flag bit can be cleared only by writing a zero to the associated register bit or power cycling the device (VVIOSYS to LOW). Reading or
RESET does not clear the flag bits. After clearing, the nPG_B0 fault flag will be raised again '1' if the fault condition persists. Any
unmasked flag bit High will cause the interrupt to be asserted on the INT pin. The INT pin will be pulled Low until all the unmasked flags
are clear again.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Links: LP8754



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com