Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFR0126 Datasheet(PDF) 3 Page - DFROBOT

Part # DFR0126
Description  Audio Analyzer v2 SKU:DFR0126
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0126 Datasheet(HTML) 3 Page - DFROBOT

  DFR0126 Datasheet HTML 1Page - DFROBOT DFR0126 Datasheet HTML 2Page - DFROBOT DFR0126 Datasheet HTML 3Page - DFROBOT DFR0126 Datasheet HTML 4Page - DFROBOT DFR0126 Datasheet HTML 5Page - DFROBOT DFR0126 Datasheet HTML 6Page - DFROBOT DFR0126 Datasheet HTML 7Page - DFROBOT DFR0126 Datasheet HTML 8Page - DFROBOT DFR0126 Datasheet HTML 9Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Sample code
Arduino IDE Sample code
#include <AudioAnalyzer.h>
//Version 1.3 for Spectrum analyzer
//Please download the latest library from the Product page!
Analyzer Audio = Analyzer(4,5,5);//Strobe pin ->4
RST pin ->5 Analog Pin ->5
//Analyzer Audio = Analyzer();//Strobe->4 RST->5 Analog->5
int FreqVal[7];//
void setup()
{
Serial.begin(57600); //Init the baudrate
Audio.Init();//Init module
}
void loop()
{
Audio.ReadFreq(FreqVal);//return 7 value of 7 bands pass filiter
//Frequency(Hz):63
160
400
1K
2.5K
6.25K
16K
//FreqVal[]:
0
1
2
3
4
5
6
for(int i=0;i<7;i++)
{
Serial.print(max((FreqVal[i]-100),0));//Transimit the DC value of the sev
en bands
if(i<6)
Serial.print(",");
else Serial.println();
}
delay(20);
}



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com