Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFR0126 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0126
Description  Audio Analyzer v2 SKU:DFR0126
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0126 Datasheet(HTML) 1 Page - DFROBOT

  DFR0126 Datasheet HTML 1Page - DFROBOT DFR0126 Datasheet HTML 2Page - DFROBOT DFR0126 Datasheet HTML 3Page - DFROBOT DFR0126 Datasheet HTML 4Page - DFROBOT DFR0126 Datasheet HTML 5Page - DFROBOT DFR0126 Datasheet HTML 6Page - DFROBOT DFR0126 Datasheet HTML 7Page - DFROBOT DFR0126 Datasheet HTML 8Page - DFROBOT DFR0126 Datasheet HTML 9Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
 
 
Audio Analyzer v2 SKU:DFR0126
 
 
Contents
1 Introduction
2 Technical Specifications
3 Connection Diagram
3.1 Sample code
Introduction
This module features the MSGEQ7 graphic equalizer display filter.It will give your arduino ears.
Sound is broken down into seven frequency bands and the peak level for each band can be read.
The seven frequencies measured are as follows: 63Hz, 160Hz, 400Hz, 1kHz, 2.5kHz, 6.25kHz and
16kHz.
This module can be used to create sound visualizers, detect patterns in music or add sound
activation to your microcontroller.


Similar Part No. - DFR0126

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0125 DFROBOT-DFR0125 Datasheet
430Kb / 2P
DFRduino Ethernet Shield V2.1 (Support Mega and Micro SD)
8-8-18
DFR0129 DFROBOT-DFR0129 Datasheet
150Kb / 8P
Capacitive Touch Kit For Arduino(SKU:DFR0129)
More results

Similar Description - DFR0126

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7507 NJRC-NJU7507 Datasheet
324Kb / 10P
BAND PASS FILTER FOR AUDIO SPECTRUM ANALYZER DISPLAY?
NJU7508 NJRC-NJU7508 Datasheet
309Kb / 12P
BAND PASS FILTER FOR AUDIO SPECTRUM ANALYZER DISPLAY
NJU7509 NJRC-NJU7509 Datasheet
254Kb / 11P
BAND PASS FILTER FOR AUDIO SPECTRUM ANALYZER DISPLAY?
NJU7505 NJRC-NJU7505 Datasheet
78Kb / 9P
BAND PASS FILTER FOR AUDIO SPECTRUM ANALYZER DISPLAY
logo
TRIAD MAGNETICS
CMT908-V2 TRIAD-CMT908-V2 Datasheet
43Kb / 1P
CMT908-V2
logo
Agilent(Hewlett-Packard...
U8903A HP-U8903A Datasheet
598Kb / 14P
Audio Analyzer
logo
Keysight Technologies
U8903B KEYSIGHT-U8903B Datasheet
3Mb / 25P
Performance Audio Analyzer
M9260A KEYSIGHT-M9260A Datasheet
1Mb / 13P
M9260A PXIe Audio Analyzer Module
logo
PHOENIX CONTACT
1790348 PHOENIX-1790348 Datasheet
136Kb / 5P
FFKDS/V2-5,08
1790487 PHOENIX-1790487 Datasheet
95Kb / 3P
FFKDSA1/V2-7,62
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com