Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFR0136 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0136
Description  Flyduino‐A 12 Servo Controller(SKU:DFR0136)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0136 Datasheet(HTML) 1 Page - DFROBOT

  DFR0136 Datasheet HTML 1Page - DFROBOT DFR0136 Datasheet HTML 2Page - DFROBOT DFR0136 Datasheet HTML 3Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
 
 
Flyduino‐A 12 Servo Controller(SKU:DFR0136)
Contents
1 Introduction
1.1 Specification
2 Pin Diagram
3 Sample Code
Introduction
This is probably the smallest Arduino controller speically designed for controlling servos. It features a
12 standard servo control capbility with an Xbee socket which can be used in model helicopters or
UAVs via the Xbee link. The feather weight (7.5g) makes it an ideal controller for application with a
limited payload. The built in regulator allows the input voltage to vary from 3.5-8V which fits most
power supplies without any modification.
Note: A FTDI Basic breakout is required to upload the program (@3.3V)
Warning: The controller is working under 3.3V, please do not program it with a 5V FTDI breakout, it
will damage the module permanently.


Similar Part No. - DFR0136

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0131 DFROBOT-DFR0131 Datasheet
103Kb / 1P
Proto Screw Shield‐Assembled (Arduino Compatible)
More results

Similar Description - DFR0136

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2611 NJRC-NJM2611 Datasheet
270Kb / 10P
SERVO MOTOR CONTROLLER
logo
List of Unclassifed Man...
AA51880 ETC-AA51880 Datasheet
282Kb / 5P
SERVO MOTOR CONTROLLER
FT639 ETC1-FT639 Datasheet
60Kb / 7P
Servo Controller Chip
BA2266A ETC1-BA2266A Datasheet
239Kb / 2P
Radio Servo controller
logo
Agamem Microelectronic ...
AA51880 AGAMEM-AA51880 Datasheet
387Kb / 10P
SERVO MOTOR CONTROLLER
AA51881 AGAMEM-AA51881 Datasheet
296Kb / 7P
SERVO MOTOR CONTROLLER
AA51882 AGAMEM-AA51882 Datasheet
239Kb / 8P
SERVO MOTOR CONTROLLER
AA51883 AGAMEM-AA51883 Datasheet
110Kb / 7P
SERVO MOTOR CONTROLLER
AA51890 AGAMEM-AA51890 Datasheet
233Kb / 7P
SERVO MOTOR CONTROLLER
logo
Exar Corporation
XR-2266 EXAR-XR-2266 Datasheet
835Kb / 11P
Monolithic servo controller
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com