Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFR0136 Datasheet(PDF) 2 Page - DFROBOT

Part # DFR0136
Description  Flyduino‐A 12 Servo Controller(SKU:DFR0136)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0136 Datasheet(HTML) 2 Page - DFROBOT

  DFR0136 Datasheet HTML 1Page - DFROBOT DFR0136 Datasheet HTML 2Page - DFROBOT DFR0136 Datasheet HTML 3Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specification
CPU:Atmega328P
Working voltage:3.3V
Input voltage:3.5-8V (regulated)
12 Channel servo control
Xbee socket
Analog input: 8
SRAM:2K
EEPROM:1K
Weight:7.5 gram
Pin Diagram
Pin Diagram for DFlyduino
NOTE: Pin "RX" and pin "TX" are on the left side, FTDI interface
Sample Code
#include <MegaServo.h>
#define NBR_SERVOS 12
// the number of servos, up to 48 for Mega, 12 for oth
er boards
#define FIRST_SERVO_PIN 2
MegaServo Servos[NBR_SERVOS] ; // max servos is 48 for mega, 12 for other boa
rds
int pos = 0;
// variable to store the servo position



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com