Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS830 Datasheet(PDF) 4 Page - Texas Instruments

Part # ADS830
Description  8-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS830 Datasheet(HTML) 4 Page - Texas Instruments

  ADS830 Datasheet HTML 1Page - Texas Instruments ADS830 Datasheet HTML 2Page - Texas Instruments ADS830 Datasheet HTML 3Page - Texas Instruments ADS830 Datasheet HTML 4Page - Texas Instruments ADS830 Datasheet HTML 5Page - Texas Instruments ADS830 Datasheet HTML 6Page - Texas Instruments ADS830 Datasheet HTML 7Page - Texas Instruments ADS830 Datasheet HTML 8Page - Texas Instruments ADS830 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
ADS830
4
SBAS086A
TIMING DIAGRAM
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
tCONV
Convert Clock Period
16.6
100
µsns
tL
Clock Pulse Low
7.3
8.3
ns
tH
Clock Pulse High
7.3
8.3
ns
tD
Aperture Delay
3
ns
t1
Data Hold Time, CL = 0pF
3.9
ns
t2
New Data Delay Time, CL = 15pF max
5.9
12
ns
4 Clock Cycles
Data Invalid
t
D
t
L
t
H
t
CONV
N–4N–3N–2N–1
N
N+1
N+2
N+3
Data Out
Clock
Analog In
N
t
2
N+1
N+2
N+3
N+4
N+5
N+6
N+7
t
1
PIN CONFIGURATION
Top View
SSOP
PIN
DESIGNATOR
DESCRIPTION
1
GND
Ground
2
Bit 1
Data Bit 1 (D7) (MSB)
3
Bit 2
Data Bit 2 (D6)
4
Bit 3
Data Bit 3 (D5)
5
Bit 4
Data Bit 4 (D4)
6
Bit 5
Data Bit 5 (D3)
7
Bit 6
Data Bit 6 (D2)
8
Bit 7
Data Bit 7 (D1)
9
Bit 8
Data Bit 8 (D0) (LSB)
10
CLK
Convert Clock
11
RSEL
Input Range Select: HI = 2V; LO = 1V
12
INT/EXT
Reference Select: HI = External; LO = Internal
13
REFB
Bottom Reference
14
REFT
Top Reference
15
CM
Common-Mode Voltage Output
16
IN
Complementary Input
17
IN
Analog Input
18
GND
Ground
19
+VS
+5V Supply
20
VDRV
Output Logic Drive Supply Voltage
PIN DESCRIPTIONS
GND
Bit 1 (MSB)
Bit 2
Bit 3
Bit 4
Bit 5
Bit 6
Bit 7
Bit 8 (LSB)
CLK
VDRV
+V
S
GND
IN
IN
CM
REFT
REFB
INT/EXT
RSEL
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
ADS830



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com