Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS830 Datasheet(PDF) 8 Page - Texas Instruments

Part # ADS830
Description  8-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS830 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS830 Datasheet HTML 4Page - Texas Instruments ADS830 Datasheet HTML 5Page - Texas Instruments ADS830 Datasheet HTML 6Page - Texas Instruments ADS830 Datasheet HTML 7Page - Texas Instruments ADS830 Datasheet HTML 8Page - Texas Instruments ADS830 Datasheet HTML 9Page - Texas Instruments ADS830 Datasheet HTML 10Page - Texas Instruments ADS830 Datasheet HTML 11Page - Texas Instruments ADS830 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
ADS830
8
SBAS086A
OPA642
V
IN
R
F
402
Ω
1k
Ω
R
G
402
Ω
ADS830
R
S
24.9
Ω
1k
Ω
47pF
0.1µF
0.1
µF
IN
IN
CM
REFB
+2.0V
INT/EXT
GND
REFT
+3.0V
RSEL
+V
S
+5V
+5V
–5V
ately biased using the +2.5V common-mode voltage avail-
able at the CM pin. One-half of the amplifier (OPA2681)
buffers the REFB pin and drives the voltage divider R1, R2.
Because of the op amp’s noise gain of +2V/V, assuming
RF = RIN , the common-mode voltage (VCM) has to be re-
scaled to +1.25V, resulting in the correct DC level of +2.5V
for the signal input (IN). Any DC voltage differences be-
tween the IN and IN inputs of the ADS830 effectively
produce an offset, which can be corrected for by adjusting
the resistor values of the divider, R1 and R2. The selection
criteria for a suitable op amp should include the supply
voltage, input bias current, output voltage swing, distortion
and noise specification. Note that in this example the overall
signal phase is inverted. To re-establish the original signal
polarity, it is always possible to interchange the IN and IN
connections.
FIGURE 3. AC-Coupling the Dual Supply Amplifier OPA642 to the ADS830 for a 2Vp-p Full Scale Input Range.
For applications requiring the driving amplifier to provide a
signal amplification, with a gain
≥ 5, consider using decom-
pensated voltage feedback op amps, such as the OPA643, or
current feedback op amps OPA681 and OPA658.
DC-Coupled with Level Shift
Several applications may require that the bandwidth of the
signal path includes DC, in which case the signal has to be
DC-coupled to the A/D converter. In order to accomplish
this, the interface circuit has to provide a DC level shift to
the analog input signal. The circuit shown in Figure 4
employs a dual op amp, A1, to drive the input of the
ADS830 and level shift the signal to be compatible with
the selected input range. With the RSEL pin tied to the
supply and the INT/EXT pin to ground, the ADS830 is
configured for a 2Vp-p input range and uses the internal
references. The complementary input (IN) may be appropri-
+V
IN
0V
–V
IN
OPA681
V
IN
R
F
402
Ω
1k
Ω
R
G
402
Ω
ADS830
R
S
39
Ω
47pF
0.1µF
IN
IN
CM
INT/EXT
GND
REFT
+3.0V
1k
Ω
V
CM = +2.5VDC
REFB
+2.0V
0.1
µF
0.1µF
RSEL
+V
S
+5V
+5V
FIGURE 2. AC-Coupled Input Configuration for a 2Vp-p Full-Scale Range and a Common-Mode Voltage, VCM, at +2.5V
Derived from the Internal Top (REFT) and Bottom Reference (REFB). The OPA680 can be used in place of the
OPA681 if a voltage feedback amplifier is preferred.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com