Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS830 Datasheet(PDF) 7 Page - Texas Instruments

Part # ADS830
Description  8-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS830 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS830 Datasheet HTML 3Page - Texas Instruments ADS830 Datasheet HTML 4Page - Texas Instruments ADS830 Datasheet HTML 5Page - Texas Instruments ADS830 Datasheet HTML 6Page - Texas Instruments ADS830 Datasheet HTML 7Page - Texas Instruments ADS830 Datasheet HTML 8Page - Texas Instruments ADS830 Datasheet HTML 9Page - Texas Instruments ADS830 Datasheet HTML 10Page - Texas Instruments ADS830 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
ADS830
7
SBAS086A
APPLICATION INFORMATION
THEORY OF OPERATION
The ADS830 is a high-speed CMOS A/D converter which
employs a pipelined converter architecture consisting of 6
internal stages. Each stage feeds its data into the digital error
correction logic ensuring excellent differential linearity and
no missing codes at the 8-bit level. The output data becomes
valid on the rising clock edge (see Timing Diagram). The
pipeline architecture results in a data latency of 4 clock
cycles.
The analog input of the ADS830 is a differential track and
hold, see Figure 1. The differential topology along with
tightly matched capacitors produce a high level of ac perfor-
mance while sampling at very high rates.
The ADS830 allows its analog inputs to be driven either
single-ended or differentially. The typical configuration for
the ADS830 is for the single-ended mode in which the input
track and hold performs a single-ended to differential con-
version of the analog input signal.
Both inputs (IN, IN) require external biasing using a com-
mon-mode voltage that is typically at the mid-supply level
(+VS/2).
The following application discussion focuses on the single-
ended configuration. Typically, its implementation is easier
to achieve and the rated specifications for the ADS830 are
characterized using the single-ended mode of operation.
DRIVING THE ANALOG INPUT
The ADS830 achieves excellent ac performance either in the
single-ended or differential mode of operation. The selection
for the optimum interface configuration will depend on the
individual application requirements and system structure.
For example, communications applications often process a
band of frequencies that does not include DC, whereas in
imaging applications, the previously restored DC level must
be maintained correctly up to the A/D converter. Features on
the ADS830 like the input range select (RSEL pin) or the
option for an external reference provide the needed flexibil-
ity to accommodate a wide range of applications. In any
case, the ADS830 should be configured such that the appli-
cation objectives are met while observing the headroom
requirements of the driving amplifier in order to yield the
best overall performance.
INPUT CONFIGURATIONS
AC-Coupled, Single-Supply Interface
Figure 2 shows the typical circuit for an ac-coupled analog
input configuration of the ADS830 where all components
are powered from a single +5V supply.
With the RSEL pin connected HIGH, the full-scale input
range is set to 2Vp-p. In this configuration, the top and
bottom references (REFT, REFB) provide an output voltage
of +3.0V and +2.0V, respectively. Two resistors ( 2 x 1k
Ω)
are used to create a common-mode voltage (VCM) of ap-
proximately +2.5V to bias the inputs of the driving ampli-
fier. Using the OPA681 on a single +5V supply, its ideal
common-mode point is at +2.5V. This coincides with the
recommended common-mode input level for the ADS830
thus, obviating the need for a coupling capacitor between the
amplifier and the converter. Even though the OPA681 has an
ac gain of +2, the dc gain is only +1 due to the blocking
capacitor at resistor RG.
The addition of a small series resistor (RS) between the
output of the op amp and the input of the ADS830 will be
beneficial in almost all interface configurations. This will
de-couple the op amp’s output from the capacitive load and
avoid gain peaking, which can result in increased noise. For
best spurious and distortion performance, the resistor value
should be kept below 75
Ω. The series resistor in combina-
tion with the 47pF capacitor establishes a passive low-pass
filter, limiting the bandwidth for the wideband noise thus
help improving the SNR performance.
AC-Coupled, Dual Supply Interface
The circuit provided in Figure 3 shows typical connections
for the analog input in case the selected amplifier operates
on dual supplies. This might be necessary to take full
advantage of very low distortion operational amplifiers,
such as the OPA642. The advantage is that the driving
amplifier can be operated with a ground referenced bipolar
signal swing. This will keep the distortion performance at its
lowest since the signal range stays within the linear region
of the op amp and sufficient headroom to the supply rails can
be maintained. By capacitively coupling the single-ended
signal to the input of the ADS830, its common-mode re-
quirements can easily be satisfied with two resistors con-
nected between the top and bottom reference.
φ1
φ1
φ2
φ1
φ1
φ1
φ1
φ1
φ2
φ1
φ2
φ1
φ2
IN
IN
OUT
OUT
Op Amp
Bias
V
CM
Op Amp
Bias
V
CM
C
H
C
I
C
I
C
H
Input Clock (50%)
Internal Non-overlapping Clock
FIGURE 1. Simplified Circuit of Input Track and Hold with
Timing Diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com