Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB85RC64APNF-G-AME2 Datasheet(PDF) 13 Page - RAMXEED LIMITED

Part # MB85RC64APNF-G-AME2
Description  64 K (8 K x 8) Bit I2C
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85RC64APNF-G-AME2 Datasheet(HTML) 13 Page - RAMXEED LIMITED

Back Button MB85RC64APNF-G-AME2 Datasheet HTML 9Page - RAMXEED LIMITED MB85RC64APNF-G-AME2 Datasheet HTML 10Page - RAMXEED LIMITED MB85RC64APNF-G-AME2 Datasheet HTML 11Page - RAMXEED LIMITED MB85RC64APNF-G-AME2 Datasheet HTML 12Page - RAMXEED LIMITED MB85RC64APNF-G-AME2 Datasheet HTML 13Page - RAMXEED LIMITED MB85RC64APNF-G-AME2 Datasheet HTML 14Page - RAMXEED LIMITED MB85RC64APNF-G-AME2 Datasheet HTML 15Page - RAMXEED LIMITED MB85RC64APNF-G-AME2 Datasheet HTML 16Page - RAMXEED LIMITED MB85RC64APNF-G-AME2 Datasheet HTML 17Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
MB85RC64A
DS501-00019-5v2-E
13
POWER ON/OFF SEQUENCE
If VDD falls down below 2.0V, VDD is required to be started from 0V to prevent malfunctions when the power
is turned on again.
If the device does not operate within the specified conditions of read cycle, write cycle or power on/off
sequence, memory data can not be guaranteed.
FeRAM CHARACTERISTICS
*1 : Total number of reading and writing defines the minimum value of endurance, as an FeRAM memory
operates with destructive readout mechanism.
*2 : Minimum values define retention time of the first reading/writing data right after shipment, and these values
are calculated by qualification results.
NOTE ON USE
• We recommend programming of the device after reflow. Data written before reflow cannot be guaranteed.
• During the access period from the start condition to the stop condition, keep the level of WP, A0, A1 and
A2 pins to the “H” level or the “L” level.
Parameter
Symbol
Value
Unit
Min
Max
SDA, SCL level hold time during power down
tpd
85
ns
SDA, SCL level hold time during power up
tpu
85
ns
Power supply rising time
tr
10
s
Item
Min
Max
Unit
Parameter
Read/Write Endurance*1
1012
Times/byte Operation Ambient Temperature TA   85 C
Data Retention*2
10
Years
Operation Ambient Temperature TA   85 C
95
Operation Ambient Temperature TA   55 C
200
Operation Ambient Temperature TA   35 C
0 V
SDA, SCL >VDD × 0.8 *
SDA, SCL >VDD × 0.8 *
tpd
tpu
tr
VIL (Max)
1.0 V
VIH (Min)
2.7 V
VDD
SDA, SCL : Don't care
SDA, SCL
SDA, SCL
0 V
VIL (Max)
1.0 V
VIH (Min)
2.7 V
VDD
* : SDA, SCL (Max) < VDD  0.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com