Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB85RC64APNF-G-AME2 Datasheet(PDF) 2 Page - RAMXEED LIMITED

Part # MB85RC64APNF-G-AME2
Description  64 K (8 K x 8) Bit I2C
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85RC64APNF-G-AME2 Datasheet(HTML) 2 Page - RAMXEED LIMITED

  MB85RC64APNF-G-AME2 Datasheet HTML 1Page - RAMXEED LIMITED MB85RC64APNF-G-AME2 Datasheet HTML 2Page - RAMXEED LIMITED MB85RC64APNF-G-AME2 Datasheet HTML 3Page - RAMXEED LIMITED MB85RC64APNF-G-AME2 Datasheet HTML 4Page - RAMXEED LIMITED MB85RC64APNF-G-AME2 Datasheet HTML 5Page - RAMXEED LIMITED MB85RC64APNF-G-AME2 Datasheet HTML 6Page - RAMXEED LIMITED MB85RC64APNF-G-AME2 Datasheet HTML 7Page - RAMXEED LIMITED MB85RC64APNF-G-AME2 Datasheet HTML 8Page - RAMXEED LIMITED MB85RC64APNF-G-AME2 Datasheet HTML 9Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
MB85RC64A
2
DS501-00019-5v2-E
PIN ASSIGNMENT
PIN FUNCTIONAL DESCRIPTIONS
Pin
Number
Pin Name
Functional Description
1 to 3
A0 to A2
Device Address pins
The MB85RC64A can be connected to the same data bus up to 8 devices.
Device addresses are used in order to identify each of these devices. Connect
these pins to VDD pin or VSS pin externally. Only if the combination of VDD and
VSS pins matches a Device Address Code inputted from the SDA pin, the
device operates. In the open pin state, A0, A1 and A2 pins are internally pulled-
down and recognized as the “L” level.
4
VSS
Ground pin
5
SDA
Serial Data I/O pin
This is an I/O pin which performs bidirectional communication for both memory
address and writing/reading data. It is possible to connect multiple devices. It is
an open drain output, so a pull-up resistor is required to be connected to the ex-
ternal circuit.
6
SCL
Serial Clock pin
This is a clock input pin for input/output serial data. Data is sampled on the ris-
ing edge of the clock and output on the falling edge.
7
WP
Write Protect pin
When the Write Protect pin is the “H” level, the writing operation is disabled.
When the Write Protect pin is the “L” level, the entire memory region can be
overwritten. The reading operation is always enabled regardless of the Write
Protect pin input level. The Write Protect pin is internally pulled down to VSS
pin, and that is recognized as the “L” level (write enabled) when the pin is the
open state.
8
VDD
Supply Voltage pin
VSS
SDA
A1
VDD
SCL
A2
A0
WP
8
7
6
5
4
3
2
1
(TOP VIEW)
(8-pin plastic SOP 150mil)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com