Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB85RC64APNF-G-AME2 Datasheet(PDF) 20 Page - RAMXEED LIMITED

Part # MB85RC64APNF-G-AME2
Description  64 K (8 K x 8) Bit I2C
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85RC64APNF-G-AME2 Datasheet(HTML) 20 Page - RAMXEED LIMITED

Back Button MB85RC64APNF-G-AME2 Datasheet HTML 16Page - RAMXEED LIMITED MB85RC64APNF-G-AME2 Datasheet HTML 17Page - RAMXEED LIMITED MB85RC64APNF-G-AME2 Datasheet HTML 18Page - RAMXEED LIMITED MB85RC64APNF-G-AME2 Datasheet HTML 19Page - RAMXEED LIMITED MB85RC64APNF-G-AME2 Datasheet HTML 20Page - RAMXEED LIMITED MB85RC64APNF-G-AME2 Datasheet HTML 21Page - RAMXEED LIMITED MB85RC64APNF-G-AME2 Datasheet HTML 22Page - RAMXEED LIMITED MB85RC64APNF-G-AME2 Datasheet HTML 23Page - RAMXEED LIMITED MB85RC64APNF-G-AME2 Datasheet HTML 24Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
MB85RC64A
20
DS501-00019-5v2-E
1.4 Product label indicators (an example)
Label I: Label on Inner box/Moisture Barrier Bag/ (It sticks it on the reel for the emboss taping)
[C-3 Label (50mm  100mm) Supplemental Label (20mm  100mm)]
C-3 Label
Supplemental Label
Perforated line
(Part number)
(Part number)
(Control number bar code)
XX/XX
XXXX-XXX XXX
XXXX-XXX XXX
(Lot Number and quantity)
(Package count)
(Part number bar code)
(Part number and quantity)
(Control number bar code)
QC PASS
XXXXXXXXXXXXXX
XXXX/XX/XX (Packed years/month/day)
ASSEMBLED IN xxxx
(3N)1 XXXXXXXXXXXXXX
XXX
(Quantity)
(3N)2 XXXXXXXXXX
XXX pcs
XXXXXX
XXXXXXXXXXXXXX
(Part number)
XXXXXXXXXXXXXX
(Comment)
XXXXXXXXXXXXXX
(Control number )
XXXXXXXXXX
(LEAD FREE mark)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com