Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSH82IDT Datasheet(PDF) 12 Page - STMicroelectronics

Part # TSH82IDT
Description  Wide-band rail-to-rail operational amplifiers with standby function
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH82IDT Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TSH82IDT Datasheet HTML 8Page - STMicroelectronics TSH82IDT Datasheet HTML 9Page - STMicroelectronics TSH82IDT Datasheet HTML 10Page - STMicroelectronics TSH82IDT Datasheet HTML 11Page - STMicroelectronics TSH82IDT Datasheet HTML 12Page - STMicroelectronics TSH82IDT Datasheet HTML 13Page - STMicroelectronics TSH82IDT Datasheet HTML 14Page - STMicroelectronics TSH82IDT Datasheet HTML 15Page - STMicroelectronics TSH82IDT Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
Electrical characteristics
TSH80, TSH82
12/27
DocID009413 Rev 10
Figure 2. Closed loop gain and phase vs.
frequency (gain = +2, VCC = ±2.5 V)
Figure 3. Overshoot vs. output capacitance
(VCC = ±2.5 V)
Figure 4. Closed loop gain and phase vs.
frequency (gain = -10, VCC = ±2.5 V)
Figure 5. Closed loop gain and phase vs.
frequency (gain = +11, VCC = ±2.5 V)
Figure 6. Large signal measurement – positive
slew rate (VCC = ±2.5 V)
Figure 7. Large signal measurement – negative
slew rate (VCC = ±2.5 V)
1E+4
1E+5
1E+6
1E+7
1E+8
1E+9
Frequency (Hz)
-15
-10
-5
0
5
10
-200
-100
0
100
200
Gain
Phase
RL = 150 Ω, Tamb = 25 °C
1E+6
1E+7
1E+8
1E+9
Freq uen cy (Hz)
-5
0
5
10
150
Ω
150
Ω//10pF
150
Ω//33pF
150
Ω//22pF
Gain = +2, Tamb = 25 °C
150
Ω
150
Ω // 10 pF
150
Ω // 33 pF
150
Ω // 22 pF
1E+4
1E+5
1E+6
1E+7
1E+8
1E+9
Frequency (Hz)
-10
0
10
20
30
-100
-50
0
50
100
150
200
Gain
Phase
RL = 150 Ω, Tamb = 25 °C
1E+4
1E+5
1E+6
1E+7
1E+8
1E+9
Frequency (Hz)
- 10
0
1 0
2 0
3 0
-150
-100
-50
0
G ain
Ph as e
Phase
Gain
RL = 150 Ω , Tamb = 25 °C
0
10
20
30
40
50
60
70
80
Ti me (ns)
-3
-2
-1
0
1
2
3
Gain = +2, ZL = 150 Ω //5.6 pF, Vin = 400 mVpk
0
10
2 0
3 0
4 0
5 0
6 0
70
Time (ns)
-3
-2
-1
0
1
2
3
Gain = +2, ZL = 150 Ω //5.6 pF, Vin = 400 mVpk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com