Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSH82IDT Datasheet(PDF) 26 Page - STMicroelectronics

Part # TSH82IDT
Description  Wide-band rail-to-rail operational amplifiers with standby function
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH82IDT Datasheet(HTML) 26 Page - STMicroelectronics

Back Button TSH82IDT Datasheet HTML 19Page - STMicroelectronics TSH82IDT Datasheet HTML 20Page - STMicroelectronics TSH82IDT Datasheet HTML 21Page - STMicroelectronics TSH82IDT Datasheet HTML 22Page - STMicroelectronics TSH82IDT Datasheet HTML 23Page - STMicroelectronics TSH82IDT Datasheet HTML 24Page - STMicroelectronics TSH82IDT Datasheet HTML 25Page - STMicroelectronics TSH82IDT Datasheet HTML 26Page - STMicroelectronics TSH82IDT Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 26 / 27 page
background image
Revision history
TSH80, TSH82
26/27
DocID009413 Rev 10
8
Revision history
Table 10. Document revision history
Date
Revision
Changes
1-Feb-2003
1
First release.
2-Aug-2005
2
PPAP references inserted in the datasheet, see Table 12: Order
codes on page 28.
12-Apr-2007
3
Corrected temperature range for TSH80IYD/IYDT and
TSH82IYD/IYDT order codes in Table 12: Order codes on page 28.
24-Oct-2007
4
TSH81IYPT PPAP references inserted in the datasheet, see Table
12: Order codes on page 28.
19-May-2009
5
Added data relating to the quad TSH84 device.
Removed TSH81IYPT, TSH81IYD-IYDT, TSH82IYPT and
TSH82IYD-IYDT order codes in Table 12: Order codes.
24-Jul-2012
6
Added TSSOP14 package to figure on page 1, updated titles of
Figure 2 to Figure 31, updated Section 6: Package information,
removed TSH80ID-IDT, TSH80IYD, TSH81ID-IDT and TSH82ID
order codes from Table 12: Order codes. Modified note 1 below
Table 12: Order codes, minor corrections throughout document.
13-Sep-2012
7
Updated TSH80IYLT order code (status qualified) in Table 12.
Removed TSH80IYD, TSH80IYDT, TSH80ID/DT, TSH81ID/DT, and
TSH82ID order code from Table 12.
Replaced TSH82DT by TSH82IDT order code in Table 12.
Minor corrections throughout document
30-Apr-2013
8
Updated Features: added automotive qualification
Figure 1: Pin connections for each package (top view): updated pin
connections of SO8/TSSOP8 packages for TSH81 device.
Replaced Figure 36: SOT23-5 package outline
Table 12: Order codes: added automotive order code TSH82IYDT
03-Jul-2014
9
Updated CDM to 1.5 kV in Table 1: Absolute maximum ratings
Table 12: Order codes: added automotive order code TSH80IYDT
and removed shipping option in tubes from TSH82IDT
18-Nov-2024
10
Removed obsolete part numbers.
Updated Table 9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com